Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 25Page - STMicroelectronics STA306 Datasheet HTML 26Page - STMicroelectronics STA306 Datasheet HTML 27Page - STMicroelectronics STA306 Datasheet HTML 28Page - STMicroelectronics STA306 Datasheet HTML 29Page - STMicroelectronics STA306 Datasheet HTML 30Page - STMicroelectronics STA306 Datasheet HTML 31Page - STMicroelectronics STA306 Datasheet HTML 32Page - STMicroelectronics STA306 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29/33
STA306
Writing a single coefficient to RAM
– write 8-bit address to I2C register 1Ch
– write top 8-bits of coefficient in I2C address 1Dh
– write middle 8-bits of coefficient in I2C address 1Eh
– write bottom 8-bits of coefficient in I2C address 1Fh
– write 1 to W1 bit in I2C address 2Bh
Writing a set of coefficients to RAM
– write 8-bit starting address to I2C register 1Ch
– write top 8-bits of coefficient b2 in I2C address 1Dh
– write middle 8-bits of coefficient b2 in I2C address 1Eh
– write bottom 8-bits of coefficient b2 in I2C address 1Fh
– write top 8-bits of coefficient b0 in I2C address 20h
– write middle 8-bits of coefficient b0 in I2C address 21h
– write bottom 8-bits of coefficient b0 in I2C address 22h
– write top 8-bits of coefficient a2 in I2C address 23h
– write middle 8-bits of coefficient a2 in I2C address 24h
– write bottom 8-bits of coefficient a2 in I2C address 25h
– write top 8-bits of coefficient a1 in I2C address 26h
– write middle 8-bits of coefficient a1 in I2C address 27h
– write bottom 8-bits of coefficient a1 in I2C address 28h
– write top 8-bits of coefficient b1 in I2C address 29h
– write middle 8-bits of coefficient b1 in I2C address 2Ah
– write bottom 8-bits of coefficient b1 in I2C address 2Bh
– write 1 to WA bit in I2C address 2Ch
The mechanism for writing a set of coefficients to RAM provides a method of updating the five coefficients cor-
responding to a given biquad (filter) simultaneously to avoid possible unpleasant acoustic side effects. When
using this technique, the 8-bit address would specify the address of the biquad b2 coefficient (e.g. 0, 5, 10, 15,
…, 50, … 195 decimal), and the STA306 will generate the RAM addresses as offsets from this base value to
write the complete set of coefficient data.
Equalization:
Figure 3. Data Flow for single channel Biquad / Bass / Treble block.:
Five user-programmable 28-bit biquads are available per channel in the STA306. These biquads run at 192kHz
for 48kHz, 96kHz, or 192kHz input and at 176.4kHz for 44.1kHz, 88.2kHz, and 176.4kHz input. The PreScale
block is used for attenuation when filters are to be designed that boost frequencies above 0dBFS. This is a
PreScale
Biquad1
Biquad2
Biquad3
Biquad4
Biquad5
Bass/
Treble
From
1st Interpolation
Stage
To
Volume/
Limiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com