Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 16Page - STMicroelectronics STA306 Datasheet HTML 17Page - STMicroelectronics STA306 Datasheet HTML 18Page - STMicroelectronics STA306 Datasheet HTML 19Page - STMicroelectronics STA306 Datasheet HTML 20Page - STMicroelectronics STA306 Datasheet HTML 21Page - STMicroelectronics STA306 Datasheet HTML 22Page - STMicroelectronics STA306 Datasheet HTML 23Page - STMicroelectronics STA306 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
STA306
20/33
Table 5. Master Volume Offset as a function of MV(7..0).
Channel Volume as a function of CxV(7..0)
3.15 Channel Input Mapping Channels 1 & 2 (address 11h)
3.16 Channel Input Mapping Channels 3 & 4 (address 12h)
3.17 Channel Input Mapping Channels 5 & 6 (address 13h)
MV(7..0)
Volume Offset from Channel Value
00000000(00h)
0dB
00000001(01h)
-0.5dB
00000010(02h)
-1dB
……
01001100(4Ch)
-38dB
……
11111110(FEh)
-127dB
11111111(FFh)
Hard Master Mute
CxV(7..0)
Volume
00000000(00h)
+24dB
00000001(01h)
+23.5dB
00000010(02h)
+23dB
……
00101111(2Fh)
+0.5dB
00110000(30h)
0dB
00110001(31h)
-0.5dB
……
11111110(FEh)
-103dB
11111111(FFh)
Hard Channel Mute
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C2IM2
C2IM1
C2IM0
C1IM2
C1IM1
C1IM0
RST
00
1
0
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C4IM2
C4IM1
C4IM0
C3IM2
C3IM1
C3IM0
RST
01
1
0
1
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C6IM2
C6IM1
C6IM0
C5IM2
C5IM1
C5IM0
RST
10
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com