Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 19Page - STMicroelectronics STA306 Datasheet HTML 20Page - STMicroelectronics STA306 Datasheet HTML 21Page - STMicroelectronics STA306 Datasheet HTML 22Page - STMicroelectronics STA306 Datasheet HTML 23Page - STMicroelectronics STA306 Datasheet HTML 24Page - STMicroelectronics STA306 Datasheet HTML 25Page - STMicroelectronics STA306 Datasheet HTML 26Page - STMicroelectronics STA306 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
23/33
STA306
Basic Limiter and Volume Flow Diagram.
A limiter is basically a variable gain device, where the amount of gain applied depends on the input signal level.
As the name implies, compression limits the dynamic range of the signal.
The STA306 includes 2 independent limiter blocks.
The purpose of the limiters is to automatically reduce the dynamic range of the input signal to prevent the out-
puts from clipping in anti-clipping mode or to actively reduce the dynamic range for a better listening environ-
ment such as a night-time listening mode which is often needed for DVDs. The two modes are selected via the
DRC bit in Configuration Register B; address 0x02, bit 7.
Each channel can be mapped to either limiter or not mapped. Non-mapped channels will clip when 0dBFS is
exceeded. Each limiter will look at the present value of each channel that is mapped to it, select the maximum
absolute value of all these channels, perform the limiting algorithm on that value, and then, if needed, adjust the
gain of the mapped channels in unison.
The limiter attack thresholds are determined by the LxAT registers. It is recommended in anti-clipping mode to
set this to 0dBFS, which corresponds to the maximum unclipped output power of a DDX amplifier. Since gain
can be added digitally within the STA306 it is possible to exceed 0dBFS or any other LxAT setting. When this
occurs, the limiter, when active, will automatically start reducing the gain. The rate at which the gain is reduced
when the attack threshold is exceeded is dependent upon the attack rate register setting for that limiter. The
gain reduction occurs on a peak-detect algorithm.
The release of limiter (uncompression), when the gain is again increased, is dependent on a RMS-detect algo-
rithm. The output of the volume/limiter block is passed through a RMS filter. The output of this filter is compared
to the release threshold, determined by the Release Threshold register. When the RMS filter output falls below
the release threshold, the gain is again increased (uncompressed) at a rate dependent upon the Release Rate
register. The gain can never be increased past its set value and therefore the release will only occur if the limiter
has already reduced the gain.
The release threshold value can be used to set what is effectively a minimum dynamic range, this is helpful as
over-limiting can reduce the dynamic range to virtually zero and cause program material to sound "lifeless". In
AC mode the attack and release thresholds are set relative to full-scale. In DRC mode the attack threshold is
set relative to the maximum volume setting of the channels mapped to that limiter and the release threshold is
set relative to the maximum volume setting plus the attack threshold.
Table 7. Channel Limiter Mapping as a function of CxLS bits.
CxLS(1,0)
Channel Limiter Mapping
00
Channel has limiting disabled
01
Channel is mapped to limiter #1
10
Channel is mapped to limiter #2
Gain
Attenuation
Saturation
RMS
Limiter
Gain/Volume
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com