Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 23Page - STMicroelectronics STA306 Datasheet HTML 24Page - STMicroelectronics STA306 Datasheet HTML 25Page - STMicroelectronics STA306 Datasheet HTML 26Page - STMicroelectronics STA306 Datasheet HTML 27Page - STMicroelectronics STA306 Datasheet HTML 28Page - STMicroelectronics STA306 Datasheet HTML 29Page - STMicroelectronics STA306 Datasheet HTML 30Page - STMicroelectronics STA306 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
27/33
STA306
3.28 Coefficient b2 Data Register Bits 7..0 (address 1Fh)
3.29 Coefficient b0 Data Register Bits 23..16 (address 20h)
3.30 Coefficient b0 Data Register Bits 15..8 (address 21h)
3.31 Coefficient b0 Data Register Bits 7..0 (address 22h)
3.32 Coefficient a2 Data Register Bits 23..16 (address 23h)
3.33 Coefficient a2 Data Register Bits 15..8 (address 24h)
3.34 Coefficient a2 Data Register Bits 7..0 (address 25h)
3.35 Coefficient a1 Data Register Bits 23..16 (address 26h)
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C2B23
C2B22
C2B21
C2B20
C2B19
C2B18
C2B17
C2B16
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C2B15
C2B14
C2B13
C2B12
C2B11
C2B10
C2B9
C2B8
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C2B7
C2B6
C2B5
C2B4
C2B3
C2B2
C2B1
C2B0
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C3B23
C3B22
C3B21
C3B20
C3B19
C3B18
C3B17
C3B16
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C3B15
C3B14
C3B13
C3B12
C3B11
C3B10
C3B9
C3B8
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C3B7
C3B6
C3B5
C3B4
C3B3
C3B2
C3B1
C3B0
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C4B23
C4B22
C4B21
C4B20
C4B19
C4B18
C4B17
C4B16
RST
0
0
0
000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com