Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 14Page - STMicroelectronics STA306 Datasheet HTML 15Page - STMicroelectronics STA306 Datasheet HTML 16Page - STMicroelectronics STA306 Datasheet HTML 17Page - STMicroelectronics STA306 Datasheet HTML 18Page - STMicroelectronics STA306 Datasheet HTML 19Page - STMicroelectronics STA306 Datasheet HTML 20Page - STMicroelectronics STA306 Datasheet HTML 21Page - STMicroelectronics STA306 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
STA306
18/33
3.7 Master Volume Register (address 07h)
3.8 Channels 1,2,3,4,5,6 Mute (address 08h)
3.9 Channel 1 Volume (address 09h)
3.10 Channel 2 Volume (address 0Ah)
3.11 Channel 3 Volume (address 0Bh)
3.12 Channel 4 Volume (address 0Ch)
3.13 Channel 5 Volume (address 0Dh)
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
RST
1
1
1
111
1
1
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C8M
C7M
C6M
C5M
C4M
C3M
C2M
C1M
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
RST
0
0
1
100
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
RST
0
0
1
100
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
RST
0
0
1
1
000
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C4V7
C4V6
C4V5
C4V4
C4V3
C4V2
C4V1
C4V0
RST
0
0
1
100
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C5V7
C5V6
C5V5
C5V4
C5V3
C5V2
C5V1
C5V0
RST
0
0
1
100
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com