Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 21Page - STMicroelectronics STA306 Datasheet HTML 22Page - STMicroelectronics STA306 Datasheet HTML 23Page - STMicroelectronics STA306 Datasheet HTML 24Page - STMicroelectronics STA306 Datasheet HTML 25Page - STMicroelectronics STA306 Datasheet HTML 26Page - STMicroelectronics STA306 Datasheet HTML 27Page - STMicroelectronics STA306 Datasheet HTML 28Page - STMicroelectronics STA306 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
25/33
STA306
Table 10. Limiter Attack Threshold as a function of LxAT bits.
Table 11. Limiter Release Threshold as a function of LxRT bits
LxAT(3..0)
AC(dB relative to FS)
DRC(db relative to Volume)
0000
-12
-22
0001
-10
-20
0010
-8
-18
0011
-6
-16
0100
-4
-14
0101
-2
-12
0110
0
-10
0111
+2
-8
1000
+3
-7
1001
+4
-6
1010
+5
-5
1011
+6
-4
1100
+7
-3
1101
+8
-2
1110
+9
-1
1111
+10
0
LxRT(3..0)
AC(dB relative to FS)
DRC(db relative to Volume + LxAT)
0000
0001
-23dB
-33dB
0010
-16.9dB
-26.9dB
0011
-13.4dB
-23.4dB
0100
-10.9dB
-20.9dB
0101
-9.0dB
-19.0dB
0110
-7.4dB
-17.4dB
0111
-6.0dB
-16.0dB
1000
-4.9dB
-14.9dB
1001
-3.8dB
-13.8dB
1010
-2.9dB
-12.9dB
1011
-2.1dB
-12.1dB
1100
-1.3dB
-11.3dB
1101
-0.65dB
-10.65dB
1110
0dB
-10dB
1111
+0.6dB
-9.4dBdB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com