Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 121 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 121 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 116Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 117Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 118Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 119Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 120Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 121Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 122Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 123Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 124Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 121
MCP47FXBX4/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP47FXB0X: Quad/Octal-Channel, 8-Bit DAC
with I2C Interface
MCP47FXB1X: Quad/Octal-Channel, 10-Bit DAC
with I2C Interface
MCP47FXB2X: Quad/Octal-Channel, 12-Bit DAC
with I2C Interface
Tape and Reel:
T
=
Tape and Reel
Blank
=
Tube
Pin Count:
20-Lead
Temperature
Range:
E
=
-40°C to +125°C (Extended)
Package:
MQ =
Plastic Quad Flat, No Lead Package
(VQFN), 5 x 5 mm, 20-Lead
ST =
Plastic Thin Shrink Small Outline
Package (TSSOP), 20-Lead
Examples:
a) MCP47FEB04-E/MQ:
Quad-Channel, 8-Bit Nonvolatile
DAC,
Extended
Temperature,
20LD VQFN.
b) MCP47FEB08T-E/MQ:
Octal-Channel, 8-Bit Nonvolatile
DAC, Tape and Reel, Extended
Temperature, 20LD VQFN.
c) MCP47FEB18-20E/ST:
Octal-Channel, 10-Bit Nonvolatile
DAC,
Extended
Temperature,
20LD TSSOP.
d) MCP47FEB18T-20E/ST: Octal-Channel, 10-Bit Nonvolatile
DAC, Tape and Reel, Extended
Temperature, 20LD TSSOP.
e) MCP47FVB28-E/MQ:
Octal-Channel,
12-Bit
Volatile
DAC, Extended Temperature,
20LD VQFN.
f) MCP47FVB28T-E/MQ:
Octal-Channel,
12-Bit
Volatile
DAC, Tape and Reel, Extended
Temperature, 20LD VQFN.
PART NO.
X
XX
Pin
Temperature
Range
Device
/XX
Package
Count
X
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com