Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 116 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 116 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 112Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 113Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 114Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 115Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 116Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 117Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 118Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 119Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 116
 2020 Microchip Technology Inc.
C.4
Full-Scale Error (EFS)
The Full-Scale error (see Figure C-3) is the error on
the VOUT pin relative to the expected VOUT voltage
(theoretical) for the maximum device DAC register
code (code FFFh for 12-bit, code 3FFh for 10-bit, and
code FFh for 8-bit), see Equation C-2. The error
depends on the resistive load on the VOUT pin (and
where that load is tied to, such as VSS or VDD). For
loads (to VSS) greater than specified, the Full-Scale
error will be greater.
The error in bits is determined by the theoretical voltage
step size to give an error in LSb.
EQUATION C-2:
FULL-SCALE ERROR
C.5
Zero-Scale Error (EZS)
The Zero-Scale error (see Figure C-2) is the difference
between the ideal and the measured VOUT voltage with
the DAC register code equal to 000h (Equation C-3).
The error depends on the resistive load on the VOUT pin
(and where that load is tied to, such as VSS or VDD). For
loads (to VDD) greater than specified, the Zero-Scale
error will be greater.
The error in bits is determined by the theoretical voltage
step size to give an error in LSb.
EQUATION C-3:
ZERO SCALE ERROR
C.6
Total Unadjusted Error (ET)
The Total Unadjusted error (ET) is the difference
between the ideal and measured VOUT voltage. Typi-
cally, calibration of the output voltage is implemented
to improve system’s performance.
The error in bits is determined by the theoretical voltage
step size to give an error in LSb.
Equation C-4 shows the Total Unadjusted error
calculation:
EQUATION C-4:
TOTAL UNADJUSTED
ERROR CALCULATION
Where:
EFS is expressed in LSb.
VOUT(@FS) is the VOUT voltage when the DAC
register code is at full scale.
VIDEAL(@FS) is the ideal output voltage when the
DAC register code is at full scale.
VLSb(IDEAL) is the theoretical voltage step size.
EFS
VOUT(@FS) VIDEAL(@FS)
–
VLSb(IDEAL)
---------------------------------------------------------------------------
=
Where:
EFS is expressed in LSb.
VOUT(@ZS) is the VOUT voltage when the DAC
register code is at zero scale.
VLSb(IDEAL) is the theoretical voltage step size.
EZS
VOUT(@ZS)
VLSb(IDEAL)
----------------------------------
=
Where:
ET is expressed in LSb.
VOUT_Actual(@Code) = The measured DAC
output voltage at the
specified code
VOUT_Ideal(@Code) = The calculated DAC
output voltage at the
specified code
(code × VLSb(Ideal))
VLSb(Ideal) =VREF/# Steps
12-bit = VREF/4096
10-bit = VREF/1024
8-bit = VREF/256
ET
VOUT_Actual(@Code) VOUT_Ideal(@Code)
–

VLSb(Ideal)
-------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com