Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 112 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 112 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 108Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 109Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 110Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 111Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 112Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 113Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 114Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 115Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 112
 2020 Microchip Technology Inc.
B.3.4
SLOPE CONTROL
As the device transitions from HS mode to FS mode,
the slope control parameter changes from the HS
specification to the FS specification.
For FS and HS modes, the device has a spike suppres-
sion and a Schmitt Trigger at SDA and SCL inputs.
B.3.5
DEVICE ADDRESSING
The I2C slave address control byte is the first byte
received following the Start condition from the master
device. This byte has seven bits to specify the slave
address and the Read/Write control bit.
Figure B-9 shows the I2C slave address byte format,
which contains the seven address bits and a
Read/Write (R/W) bit.
FIGURE B-9:
I2C SLAVE ADDRESS
CONTROL BYTE.
B.3.6
HS MODE
The I2C specification requires that a High-Speed mode
device be activated to operate in HS (3.4 Mbit/s) mode.
This is done by the master sending a special address
byte following the Start bit. This byte is referred to as
the High-Speed Master Mode Code (HSMMC).
The device can now communicate at up to 3.4 Mbit/s
on SDA and SCL lines. The device will switch out of the
HS mode on the next Stop condition.
The master code is sent as follows:
1.
Start condition (S)
2.
High-Speed Master Mode Code (0000 1XXX),
The XXX bits are unique to the HS mode master.
3.
No Acknowledge (A)
After switching to the HS mode, the next transferred
byte is the I2C control byte, which specifies the device
to communicate with and any number of data bytes
plus acknowledgments. The master device can then
either issue a Repeated Start bit to address a different
device (at high speed) or a Stop bit to return to
fast/standard bus speed. After the Stop bit, any other
master device (in a Multi-master system) can arbitrate
for the I2C bus.
See Figure B-10 for an illustration of the HS mode com-
mand sequence.
For more information on the HS mode, or other I2C
modes, refer to the “NXP I2C Specification”.
B.3.6.1
Slope Control
The slope control on the SDA output is different
between the Fast/Standard Speed and the High-Speed
clock modes of the interface.
B.3.6.2
Pulse Gobbler
The pulse gobbler on the SCL pin is automatically
adjusted to suppress spikes < 10 ns during HS mode.
FIGURE B-10:
HS MODE SEQUENCE.
Start Bit
Read/Write Bit
Address Byte
R/W ACK
Acknowledge Bit
7-bit Slave Address
A6
A5
A4
A3
A2
A1
A0
S
A
‘0 0 0 0 1 X X X’b
Sr
A
Slave Address
A/A
Data
P
S = Start bit
Sr = Repeated Start bit
A = Acknowledge bit
A = Not Acknowledge bit
R/W = Read/Write bit
R/W
P = Stop bit (Stop condition terminates HS mode)
F/S mode
HS mode
HS mode continues
F/S mode
Sr
A
Slave Address R/W
HS Select Byte
Control Byte
Command/Data Byte(s)
Control Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com