Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 111 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 111 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 107Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 108Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 109Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 110Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 111Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 112Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 113Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 114Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 111
MCP47FXBX4/8
B.3.1.4
Repeated Start Bit
The Repeated Start bit (see Figure B-5) indicates that
the current master device wishes to continue
communicating with the current slave device without
releasing the I2C bus. The Repeated Start condition is
the same as the Start condition, except that the
Repeated Start bit follows a Start bit (with the Data bits
+ A bit) and not a Stop bit.
The Start bit is the beginning of a data transfer
sequence and is defined as the SDA signal falling when
the SCL signal is high.
FIGURE B-5:
REPEAT START
CONDITION WAVEFORM.
B.3.1.5
Stop Bit
The Stop bit (see Figure B-6) Indicates the end of the
I2C data transfer sequence. The Stop bit is defined as
the SDA signal rising when the SCL signal is high.
A Stop bit should reset the I2C interface of the slave
device.
FIGURE B-6:
STOP CONDITION
RECEIVE OR TRANSMIT MODE.
B.3.2
CLOCK STRETCHING
Clock Stretching is something that the receiving device
can do, to allow additional time to respond to the data
that have been received.
B.3.3
ABORTING A TRANSMISSION
If any part of the I2C transmission does not meet the
command format, it is aborted. This can be intentionally
accomplished with a Start or Stop condition. This is done
so that noisy transmissions (usually an extra Start or Stop
condition) are aborted before they corrupt the device.
FIGURE B-7:
TYPICAL 8-BIT I2C WAVEFORM FORMAT.
FIGURE B-8:
I2C DATA STATES AND BIT SEQUENCE.
Note 1: A bus collision during the Repeated Start
condition occurs if:
•SDA is sampled low when SCL goes
from low to high.
•SCL goes low before SDA is asserted
low. This may indicate that another
master is attempting to transmit a
data ‘1’.
SDA
SCL
Sr = Repeated Start
1st Bit
SCL
SDA A/A
P
1st Bit
SDA
SCL
S
2nd Bit
3rd Bit
4th Bit
5th Bit
6th Bit
7th Bit
8th Bit
P
A/A
SCL
SDA
Start
Condition
Stop
Condition
Data allowed
to change
Data or
A valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com