Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 113 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 113 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 109Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 110Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 111Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 112Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 113Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 114Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 115Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 116Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 113
MCP47FXBX4/8
B.3.7
GENERAL CALL
The General Call is a method used by the master
device to communicate with all other slave devices. In
a Multi-master application, the other master devices
operate in Slave mode. The General Call address has
two documented formats. These are shown in
Figure B-11.
The I2C specification documents three 7-bit command
bytes.
The I2C specification does not allow ‘00000000’ (00h)
in the second byte. Also, ‘00000100’ and ‘00000110’
functionality is defined by the specification. Lastly, a
data byte with a ‘1’ in the LSb indicates a Hardware
General Call.
For details on the operation of the MCP47FXBX4/8’s
General Call commands, see Section 7.3 “General
Call Commands”.
FIGURE B-11:
GENERAL CALL FORMATS.
Note:
Only one General Call command per issue
of the General Call control byte. Any
additional General Call commands are
ignored and Not Acknowledged.
0
000
S
000 0
x
x xxx
A
xx 0 AP
General Call Address
Second Byte
7-bit Command
Reserved 7-bit commands (by I2C Specification – “NXP Specification # UM10204”, Rev. 03, 19 June 2007)
‘0000 011’b - Reset and Write Programmable Part of Slave Address by Hardware
‘0000 010’b - Write Programmable Part of Slave Address by Hardware
‘0000 000’b - NOT Allowed
The Following is a Hardware General Call Format
0
00 0
S
00 0 0
x
xx xx
A
xx 1 A
General Call Address
Second Byte
Master Address
x
xx xx
x x x AP
n Occurrences of (Data + A)
This indicates a Hardware General Call



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com