Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FXB2XT-EST Datasheet(PDF) 115 Page - Microchip Technology

Part # MCP47FXB2XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB2XT-EST Datasheet(HTML) 115 Page - Microchip Technology

Back Button MCP47FXB2XT-EST Datasheet HTML 111Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 112Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 113Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 114Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 115Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 116Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 117Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 118Page - Microchip Technology MCP47FXB2XT-EST Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 115
MCP47FXBX4/8
APPENDIX C: TERMINOLOGY
C.1
Resolution
The resolution is the number of DAC output states that
divide the Full-Scale Range (FSR). For the 12-bit DAC,
the resolution is 212, meaning the DAC code ranges
from 0 to 4095.
C.2
Least Significant Bit (LSb)
This is the voltage difference between two successive
codes. For a given output voltage range, it is divided by
the resolution of the device (Equation C-1). The range
may be VDD (or VREF) to VSS (ideal), the DAC register
codes across the linear range of the output driver
(Measured 1), or full scale to zero scale (Measured 2).
EQUATION C-1:
LSb VOLTAGE
CALCULATION
C.3
Monotonic Operation
Monotonic operation means that the device’s output
voltage (VOUT) increases with every one code step
(LSb) increment (from VSS to the DAC’s reference
voltage (VDD or VREF)).
FIGURE C-1:
VW (VOUT).
Note:
When there are 2N resistors in the resistor
ladder and 2N tap points, the full-scale
DAC register code is the resistor element
(1 LSb) from the source reference voltage
(VDD or VREF).
2N = 4096 (MCP47FEB2X)
= 1024 (MCP47FEB1X)
= 256 (MCP47FEB0X)
Ideal
Measured 1
Measured 2
VLSb(IDEAL)
VDD
2
N
------------
=
or
VREF
2
N
---------------
VLSb(Measured)
VOUT(@4000) VOUT(@100)
–
4000 100
–

-----------------------------------------------------------------------------
=
VLSb
VOUT(@FS) VOUT(@ZS)
–
2
N
1
–
---------------------------------------------------------------------
=
40h
3Fh
3Eh
03h
02h
01h
00h
Voltage (VW ~= VOUT)
VW (@ tap)
VS0
VS1
VS3
VS63
VS64
VW =
VSn + VZS(@ Tap 0)
n = 0
n = ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com