Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 5 Page - ON Semiconductor

  FSL518APG Datasheet HTML 1Page - ON Semiconductor FSL518APG Datasheet HTML 2Page - ON Semiconductor FSL518APG Datasheet HTML 3Page - ON Semiconductor FSL518APG Datasheet HTML 4Page - ON Semiconductor FSL518APG Datasheet HTML 5Page - ON Semiconductor FSL518APG Datasheet HTML 6Page - ON Semiconductor FSL518APG Datasheet HTML 7Page - ON Semiconductor FSL518APG Datasheet HTML 8Page - ON Semiconductor FSL518APG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued)
TJ = −40 to +125°C and VCC = 14 V unless otherwise specified.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
SENSEFET Section
Effective Output Capacitance (Note 9)
VDS = 0 to 480 V, VGS = 0 V, TJ = 25°C
FSL518H/A
FSL538H/A
COSS(eff)
31
40
pF
DRAIN Voltage Rise Time (Note 8)
VDRAIN = 40 V to 360 V
FSL518H/A, IDRAIN = 0.4 A
FSL538H/A, IDRAIN = 0.6 A
tr
26
35
ns
DRAIN Voltage Fall Time (Note 8)
VDRAIN = 360 V to 40 V
FSL518H/A, IDRAIN = 0.4 A
FSL538H/A, IDRAIN = 0.6 A
tf
34
30
ns
Drain to Source Breakdown Voltage
VGS = 0 V, ID = 250 mA, TJ = 25°C
BVDSS
800
V
Zero Gate Voltage Drain Current
VDS = 800 V, VGS = 0 V, TJ = 25°C
VDS = 640 V, VGS = 0 V, TJ = 125°C
IDSS
25
250
mA
VCC Section
Controller Turn-on Threshold Voltage
VCC-START
15
16
17
V
Under-voltage Lockout Threshold
Voltage
VCC-STOP
7
8
9
V
VCC Regulation Voltage
During Protection, TJ = 25°C
VCC-HVREG
9
10
11
V
Restart Time in Protection Mode (Note 9)
tAR
800
ms
Soft-start Time
tSS
7
10
13
ms
Oscillation Section
Switching Frequency
VCC = 14 V, VCOMP = 3.6 V, TJ = 25°C
FSL5x8H
FSL5x8A
fS
122
94
130
100
138
106
kHz
Switching Frequency Variation
TJ = −40 ~ 125°C
ΔfS
±5
±10
%
Frequency Modulation Range
VCOMP = 3.6 V
FSL5x8H
FSL5x8A
fM
±6.2
±4.8
kHz
Frequency Modulation Period (Note 9)
VCOMP = 3.6 V
TFM
3.2
ms
Green-mode Entry Frequency
VCOMP = 1.4 V
FSL5x8H
FSL5x8A
fN
115
89
kHz
Green-mode Ending Frequency
VBURL = 0.4 V
fG
22
25
28
kHz
Frequency-limiting Voltage
VCOMP-S
VOLP
V
Green-mode Entry COMP Voltage (Note 9)
VCOMP-N
1.4
V
Green-mode Ending COMP Voltage
VCOMP-G
VBURL
V
Burst-Mode Section
COMP Threshold Voltage for Entering
Burst−mode when Line Detection is
Enabled
VLINE in VLINE-SET0 during tSET
VLINE in VLINE-SET1 during tSET
VLINE in VLINE-SET2 during tSET
VBURL
0.35
0.45
0.55
0.4
0.5
0.6
0.45
0.55
0.65
V
COMP Threshold Voltage for Entering
Burst−mode when Line Detection is
Disabled
0.9 V < VLINE < 1.2 V
1.2 V < VLINE < 3.6 V
VBURL
0.4
AV-BURST × VLINE
V
COMP Threshold Voltage for Leaving
Burst−mode
VBURH
VBURL + 0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com