Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 17 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 13Page - ON Semiconductor FSL518APG Datasheet HTML 14Page - ON Semiconductor FSL518APG Datasheet HTML 15Page - ON Semiconductor FSL518APG Datasheet HTML 16Page - ON Semiconductor FSL518APG Datasheet HTML 17Page - ON Semiconductor FSL518APG Datasheet HTML 18Page - ON Semiconductor FSL518APG Datasheet HTML 19Page - ON Semiconductor FSL518APG Datasheet HTML 20Page - ON Semiconductor FSL518APG Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
17
Figure 39. Burst−mode Behavior
VCOMP
VBURL
VBURH
IDS
VO
PWM
disabled
PWM
disabled
t
t
t
VBURL and VBURH can be adjusted LINE-pin voltage
detected. It is provided for tuning light load efficiency and
acoustic noise. By adjusting VBURL, minimum peak value
of drain current of each switching cycle is adjusted as
described in Equation 1.
IDRAIN.PEAK.BURL +
VBURL
4 @ 0.6 @
ILIM
(eq. 1)
Line Compensation
Propagation delay in turning off power MOSFET makes
drain current exceed current limit by an amount that related
to slope of drain current. The device adjusts its internal
current-limit reference voltage according to duty cycle to
compensate the effect of propagation delay. As a result, the
delivered output power is kept under control across different
input voltage conditions.
Protections
Over Load Protection (OLP)
VCOMP will be pulled higher than VOLP when drain
current hits current limit and switching frequency operates
at its highest range. If the condition continues for tD-OLP,
OLP will be triggered and switching operation is stopped as
shown in Fig. 40.
The figure also shows typical protection mode behavior of
the IC. The operation current is supplied by HV current
source for tAR that can extend the restart period to reduce
average power dissipation when fault is still present. After
tAR, VCC drops to VCC-STOP to reset protective operation
and then, controller will be restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com