Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 19 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 15Page - ON Semiconductor FSL518APG Datasheet HTML 16Page - ON Semiconductor FSL518APG Datasheet HTML 17Page - ON Semiconductor FSL518APG Datasheet HTML 18Page - ON Semiconductor FSL518APG Datasheet HTML 19Page - ON Semiconductor FSL518APG Datasheet HTML 20Page - ON Semiconductor FSL518APG Datasheet HTML 21Page - ON Semiconductor FSL518APG Datasheet HTML 22Page - ON Semiconductor FSL518APG Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
19
Figure 42. Timing Chart of AOCP
t
LEB+ tAOCP
VCC
Stop
switching
IDRAIN
t
V
CC− HVREG
t
Stop
switching
Protection
ILIM
VCC−STOP
tAR
1
2
3
FSL5x8H: 1 pulse
FSL5x8A: 2 pulses
Brown−in, Brown−out (BI/BO) and Line Over-Voltage
Protection (LOVP)
When a voltage divider is connected between LINE pin
and input bulk capacitor, line-detection function is enabled
and VLINE reflects peak of AC input voltage. If VLINE is
below VLINE-BI after initial setting, switching operation will
not be initiated until VLINE reaches VLINE-BI. If VLINE is
lower than VLINE-BO for tBO during normal operation,
brown-out will be triggered and the controller will go into
protection mode. If VLINE is higher than VLINE-OVP,
switching operation is halted until VLINE drops down below
VLINE-OVP-RECOVER. Both recovering from LOVP or after
BI, the controller performs a soft start sequence.
Figure 43. LOVP, Brown-out and Brown-in Behavior
VLINE
IDRAIN
VBULK
VCC
t
t
tSS
t
VLINE−BO
VLINE−OVP
tLINE−OVP
VCC HVREG
tSS
tBO
tAR
tAR
tSET
t
VLINE−BI
VLINE−OVP−RECOVER
tBO
tSET
−
Thermal Shutdown (TSD)
Since SENSEFET and controller are integrated in the
same package, it is easier for the controller to detect
temperature inside the package. When junction temperature
exceeds shut-down temperature, TSD, thermal shutdown is
activated. The controller will go into protection mode after
thermal shutdown. If temperature is not lower than
TRECOVER, switching operation will not be resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com