Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 23 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 23 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 19Page - ON Semiconductor FSL518APG Datasheet HTML 20Page - ON Semiconductor FSL518APG Datasheet HTML 21Page - ON Semiconductor FSL518APG Datasheet HTML 22Page - ON Semiconductor FSL518APG Datasheet HTML 23Page - ON Semiconductor FSL518APG Datasheet HTML 24Page - ON Semiconductor FSL518APG Datasheet HTML 25Page - ON Semiconductor FSL518APG Datasheet HTML 26Page - ON Semiconductor FSL518APG Datasheet HTML 27Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
23
PCB Layout Recommendations
Hereafter are a few hints that would help designers to
make their SMPS working better.
• High-frequency switching current/voltage makes PCB
layout a very important design issue. Good PCB layout
minimizes EMI (Electromagnetic Interference) and helps
the
power
supply
survive
during
surge/ESD
(ElectroStatic Discharge) tests.
• To improve EMI performance and reduce line frequency
ripples, the output of the bridge rectifier should be
connected to capacitor CDC as close as possible.
• The high-frequency current loop is formed from the
beginning of bridge rectifier, CDC, power transformer,
Integrated MOSFET and return to GND of CDC. The area
enclosed by this current loop should be designed as small
as possible to reduce conduction and radiation noise.
Keep the traces (especially 2a
" 2b " 1) short, direct,
and wide. High-voltage traces related the drain of
MOSFET and RCD snubber should be kept far way from
control circuits to prevent unnecessary interference. If
a heatsink is used for MOSFET, connect this heatsink to
power ground.
• As indicated by 2a, the ground of control circuits should
be connected first, then to other circuitry.
• Place CVcc as close to VCC pin of the FSL5x8H/A as
possible for good decoupling. It is recommended to use
a few of micro-farad capacitor and 100 nF ceramic
capacitor for high frequency noise decoupling as well.
There are some suggestions for grounding connection.
• GND: There are two kinds of GND in power conversion
board and should be separated for avoiding interference
and better performance.
• Regarding the ESD discharge path, the charges go from
secondary, through the transformer stray capacitance, to
GND first, and back to mains. It should be noted that
control circuits should not be placed on the discharge
path. Point discharge for common choke can decrease
high-frequency impedance and increase ESD immunity.
• 3 should be a point-discharger route to bypass the static
electricity energy. It is suggested to map out this discharge
route.
• Should a Y-cap be required between primary and
secondary, connect this Y-cap to the positive terminal of
CDC. If this Y-cap is connected to primary GND, it should
be connected to the negative terminal of CDC (GND)
directly. Point discharge of this Y-cap helps for ESD;
however, the creepage between these two pointed ends
should be at least 5 mm according to safety requirements.
Thermal Considerations
Power MOSFET dissipates heat during switching
operation. If chip temperature exceed TSD, thermal
shutdown would be triggered and FSL5x8 stops operating to
protect itself from damage. The path of lowest thermal
impedance from FSL5x8’s chip to external are DRAIN pins.
It is recommended to increase area of connected copper to
DRAIN pin as much as possible.
Figure 48. Layout Considerations
Enlarge DRAIN pin pattern
for better heat emission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com