Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 3Page - ON Semiconductor FSL518APG Datasheet HTML 4Page - ON Semiconductor FSL518APG Datasheet HTML 5Page - ON Semiconductor FSL518APG Datasheet HTML 6Page - ON Semiconductor FSL518APG Datasheet HTML 7Page - ON Semiconductor FSL518APG Datasheet HTML 8Page - ON Semiconductor FSL518APG Datasheet HTML 9Page - ON Semiconductor FSL518APG Datasheet HTML 10Page - ON Semiconductor FSL518APG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued)
TJ = −40 to +125°C and VCC = 14 V unless otherwise specified.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
Abnormal Over-Current Protection (AOCP)
AOCP Monitoring duration after tLEB
(Note 9)
tAOCP
150
ns
Threshold Drain Current for Triggering
AOCP (Note 9)
IAOCP
ILIM
mA
Number of pulse for AOCP to skip
switching operation for NAOCP-HALT times
(Note 9)
NAOCP-TRIG
2
times
Number of skipped pulses after
NAOCP-TRIG is satisfied (Note 9)
NAOCP-HALT
7
times
Number of Pulse for Satisfying NAOCP-TRIG
to Trigger Auto-restart Protection (Note 9)
NAOCP-
COUNT
3
times
Protections: Line Detection (BI, BO, LOVP)
Brown-out (BO) Threshold Voltage on
LINE−pin
VLINE-BO
0.80
0.85
0.90
V
Brown-in (BI) Threshold Voltage on
LINE−pin
VLINE-BI
0.95
1
1.05
V
Hysteresis between BI and BO
VLINE-BI − VLINE-BO
DVLINE-
BIBO
0.09
0.15
0.21
V
Delay Time for Brown−out (Note 9)
tBO
100
ms
Threshold Voltage for Line Over−Voltage
Protection (LOVP)
VLINE-OVP
4.3
4.5
4.7
V
Recovering Level for LOVP
VLINE-OVP-
RECOVER
4.2
4.4
4.6
V
Hysteresis Voltage for LOVP
VLINE-OVP − VLINE-OVP-RECOVER
DVLINE-OVP
0.05
0.1
0.15
V
Delay Time for LOVP (Note 9)
tLINE-OVP
2
ms
Protections: Thermal Shutdown
Junction Temperature to Trigger Thermal
Shutdown (Note 9)
TSD
147
°C
Junction Temperature for Resuming from
Thermal Shutdown (Note 9)
TRECOVER
95
°C
Total Device Section
Operating Supply Current
(Control Part in Burst−mode)
VCOMP = 0 V, VDRAIN = 12 V,
RDRAIN = 500 W
IOP1
0.9
1.2
mA
Operating Supply Current
VCOMP = 3.2 V, VDRAIN = 12 V
IOP2
1.7
2.0
mA
VCC-pin current at startup condition
VCC = 14.9 V, VCOMP = 3.6 V
(Before VCC Reaches VCC-START)
ISTART
170
205
mA
Startup Charging Current
(JFET saturation current)
VCC = 0 V, VDRAIN = 40 V
ICH
1.2
4
mA
Minimum DRAIN-pin Voltage to Start
Operation (Note 10)
VCC = VCOMP = 0 V
VSTART
40
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
8. Evaluated in the typical flyback application board, TA = 25°C
9. This parameter is not tested in production, but verified by design/characterization.
10.It is guaranteed that ICH can charge VCC up to VCC-START if DRAIN-pin voltage is higher than VSTART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com