Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 22 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 22 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 18Page - ON Semiconductor FSL518APG Datasheet HTML 19Page - ON Semiconductor FSL518APG Datasheet HTML 20Page - ON Semiconductor FSL518APG Datasheet HTML 21Page - ON Semiconductor FSL518APG Datasheet HTML 22Page - ON Semiconductor FSL518APG Datasheet HTML 23Page - ON Semiconductor FSL518APG Datasheet HTML 24Page - ON Semiconductor FSL518APG Datasheet HTML 25Page - ON Semiconductor FSL518APG Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
22
which decreases the pulse current that charges the
capacitor every time the FSL5x8 resumes switching
operation in burst−mode.
For more information, please refer to AN−4148.
• Maximum Duty and Reflected Output Voltage
When MOSFET in FSL5x8 is turned off, the input
voltage together with the reflected output voltage (VRO)
on primary winding of the transformer are imposed on
MOSFET.
(eq. 8)
VDRAIN
max +
2 @ Vline
max )
VRO
Vlinemax is maximum ac-input voltage in r.m.s. value.
VRO is a function of maximum duty (Dmax) and minimum
DC-link voltage.
(eq. 9)
VRO +
Dmax
1 * Dmax
@ VDC
min
The designed Dmax should not exceed FSL5x8’s
maximum duty raio specification, DMAX. It is typical to
have 70% of de-rating on VDRAINmax according to
MOSFET’s breakdown voltage. With 800 V of
breakdown voltage in FSL5x8, more room are created to
target higher Dmax.
• Transformer Design Considerations
When Dmax is assigned, turn ratio of the transformer has
been decided.
(eq. 10)
n +
NP
NS
+
VRO
VOUT ) VF
,
where NP and NS stands for primary and secondary
windings’ turn ratio of the transformer, VOUT stands for
output voltage, and VF stands for forward voltage of
rectifying diode connecting to the secondary winding.
Inductance (Lm) of the primary winding can be
obtained from input power (Pin) and switching frequency
(fsw), with ripple factor (KRF) left to be decided. KRF ≥ 1
results in lower inductance and discontinuous-
conduction-mode (DCM) design, which tend to have
smaller switching loss. KRF < 1 results in a continuous-
conduction-mode (CCM) design. Which tend to be able
to deliver more power with same maximum drain current.
(eq. 11)
Lm +
VDC
min
@ Dmax
2
2
Pin @ fSW @ KRF
The inductance value affects maximum drain current
(IDRAINPEAK), which should be limited by FSL5x8’s ILIM
specification with some margin. Care needs to be taken
when designing Lm and choosing part from FSL5x8
series.
(eq. 12)
IDRAIN
PEAK
+
Pin
VDC
min
@ Dmax
+
VDC
min
@ Dmax
2 @ Lm @ fSW
• Clamping Circuit for internal MOSFET
Due to parasitic or leakage inductance, it is inevitable
that voltage on DRAIN pin of MOSFET shows some
spikes during switching off. A clamping circuit is
generally implemented if the spike can be so high that
makes DRAIN voltage possibly exceeds MOSFET’s
breakdown voltage, BVDSS. The clamping circuit can be
RCD snubber or transient-voltage suppressor. In both
cases, the design target is to clamp the reflected voltage
that appears across primary winding with a clamping
voltage Vclamp.
Vclamp should be set up properly considering power
loss and BVDSS of MOSFET. Vclamp is way too high,
MOSFET is likely to get damage at maximum input
voltage. Whereas, too low one could cause power loss
increasing at the clamp circuit. Generally, value in 2~2.5
times of VRO is usually chosen. Additionally, it should
not exceed over 90% of BVDSS.
(eq. 13)
2 @ Vline
max )
Vclamp v 90% @ BVDSS
AN−4137 and AN−4140 provide detailed flyback
converter, transformer, and snubber design information.
A design tool with accompanying manual is also made for
FSL5x8 series.
Figure 46. Magnetic Component and RCD Snubber
+
−
VIN
−
+
VRO
+
−
VDRAIN
Llk
NP
NS
L
Figure 47. Typical Waveform of DRAIN Current
and Voltage
VIN
VRO
VDS
IDRAIN
IDRAIN
PEAK
t
t
Vclamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com