| Electronic Components Datasheet Search |
|
FSL518APG Datasheet(PDF) 14 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FSL518APG Datasheet(HTML) 14 Page - ON Semiconductor |
|
14 / 27 page ![]() FSL518H, FSL538H, FSL518A, FSL538A www.onsemi.com 14 APPLICATION INFORMATION HV Current Source for VCC Start up and VCC Regulation The HV current source utilizes voltage on DRAIN pin to charge capacitor on VCC pin. This current source is activated during start-up and provides operating current when VCC is lower than VCC-HVREG. Thanks to VCC start-up function, no external start-up circuitry is needed. The HV current source is disabled when VCC voltage is charged to VCC-START. VCC regulation also helps avoiding start-up failure during soft-start and keeps FSL5x8 operating to count auto-restart delay time (tAR) in protection mode, as illustrated in Figure 34. It also enables the use of smaller capacitance for VCC biasing. The VCC regulation is not functional when the external bias is higher than VCC-HVREG. Figure 34. VCC Start Up and VCC Regulation HV Current Source DRAIN VCC VCC−START/STOP tAR VCC Regulation Initial Setting for Line Detection and Adjusting Burst-mode Operation LINE pin is used for both input-voltage detection and burst-mode setting. When a voltage divider is connected between bulk capacitor and LINE pin, a Zener diode connected to LINE pin will allow to set level of burst-mode operation. If there is no voltage divider, the line-detection function is disabled and burst-mode operation level is set linearly by simply connecting a resistor between LINE pin and GND pin. In order to avoid interference from switching noise, connecting a ceramic capacitor to LINE pin is recommended. When line detection is enabled, voltage on LINE pin is monitored to offer brown-in (BI), brown-out (BO) and line over-voltage protections (LOVP). With IBURST, VLINE reflects resistance of the external resistor. FSL5x8 adjusts burst-mode operation threshold based on real-time VLINE level. Please refer to burst threshold setting table for LINE pin configuration and settings. Figure 35. Architecture of LINE-pin Setting FALSE • Input Voltage Detection • Brown−in/out Function • Setting Burst Threshold by Zener • Setting Burst Threshold by Resistance VBULK VZ LINE LINE RBURST IBURST |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |