Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 16 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 12Page - ON Semiconductor FSL518APG Datasheet HTML 13Page - ON Semiconductor FSL518APG Datasheet HTML 14Page - ON Semiconductor FSL518APG Datasheet HTML 15Page - ON Semiconductor FSL518APG Datasheet HTML 16Page - ON Semiconductor FSL518APG Datasheet HTML 17Page - ON Semiconductor FSL518APG Datasheet HTML 18Page - ON Semiconductor FSL518APG Datasheet HTML 19Page - ON Semiconductor FSL518APG Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
16
Figure 37. Soft-start Operation
1.25 ms
8 Steps
ILIM
Drain Current
IDRAIN
VCOMP
Pull high (5 V)
VSS− LIMIT
t
Main Control Frequency Reduction
Operating frequency of switching operation is
synchronized with COMP-pin voltage, VCOMP. When
VCOMP drops, operating frequency will also decrease. This
helps reducing switching losses and thus improve light-load
efficiency operation. The operating frequency will not be
decreased below 22-kHz so acoustic noise can be avoided.
PWM Control
The FSL5x8 operates with peak−current mode to regulate
output voltage. The duty cycle of PWM is determined by
comparing drain peak current and VCOMP. The VCOMP can
be controlled by either the input signal of error amplifier or
the signal delivered via opto−coupler and feedback loop for
output regulation.
Slope Compensation
Built-in slope compensation is added into the PWM
procedure when duty cycle is higher than 45%. It helps to
avoid sub-harmonic oscillation of peak-current control.
Figure 38. Slope Compensation
VSENSE
VSENSE+COMP
t
t
t
VSLOPE
45 Duty
%
45 Duty
%
Burst−mode Operation
As loading of the power converter decreases, VCOMP
decreases, thus reducing switching frequency of the
oscillator. When minimum operating frequency is reached,
to further reduce delivered output power, the device goes
into burst−mode. In burst−mode, switching operation is
halted when VCOMP is lower than VBURL and resumed when
VCOMP is higher than VBURH. By skipping un-needed
switching cycles, the FSL5x8 drastically reduced the power
wasted during light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com