Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 24 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 24 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 19Page - ON Semiconductor FSL518APG Datasheet HTML 20Page - ON Semiconductor FSL518APG Datasheet HTML 21Page - ON Semiconductor FSL518APG Datasheet HTML 22Page - ON Semiconductor FSL518APG Datasheet HTML 23Page - ON Semiconductor FSL518APG Datasheet HTML 24Page - ON Semiconductor FSL518APG Datasheet HTML 25Page - ON Semiconductor FSL518APG Datasheet HTML 26Page - ON Semiconductor FSL518APG Datasheet HTML 27Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
24
Design Example
Hereafter is a typical schematic of an isolated flyback.
Figure 49. FSL538AFLYGEVB Schematic
AC
Input
Z
1
2
3
4
8
7
5
GND
VCC
FB
COMP
DRAIN
LINE
FSL538A
VCC
VCC
COMP
T1
COMP
15V
12V
15V+
15V
12V
GND
15V+
1A/250V
MOV
TVR/1047
XC/0.33uF
10mH
2A/600V
DF06M
47uF/400V
200k
200k
1nF/
0R
0R
ES1J
100k
1nF
1nF
200k
100nF
22uF/
1R
YC/222pF
240R
240R
220pF/
FSV10150V
22uF/50V
470uF/25V
68uF/25V
1uH
1uH
24k
NC
150k
30k
2M
100nF/50V
5.1k
5.1k
FOD817A
NCP431
FSV10120V
7.5V
DRAIN
470uF/
220uF/
35V
220uF/
35V
1kV
50V
100V
25V
REFERENCES
For more details on specific designs, please refer to below documents:
• AN−4148 Audible Noise Reduction Technique for FPS Applications
https://www.onsemi.com/pub/Collateral/AN−4148.pdf.pdf
• AN−4137 Design Guidelines for Off-line Flyback Converters Using Power Switch
https://www.onsemi.com/pub/Collateral/AN−4137.pdf.pdf
• AN−4140 Transformer Design Consideration for Offline Flyback Converters Using Power Switch
https://www.onsemi.com/pub/Collateral/AN−4140.pdf.pdf
• EVBUM2650/D: 14.5 W auxiliary power for white goods and industrial equipment with FSL538HPG
https://www.onsemi.com/pub/Collateral/EVBUM2650−D.PDF
• EVBUM2651/D: 15 W auxiliary power for white goods and industrial equipment with FSL538APG
https://www.onsemi.com/pub/Collateral/EVBUM2651−D.PDF
• EVBUM2652/D: 8 W auxiliary power for white goods and industrial equipment with FSL518APG
https://www.onsemi.com/pub/Collateral/EVBUM2652−D.PDF
• FSL5x8 Application note and Design tool
https://www.onsemi.com/PowerSolutions/supportDoc.do?type=tools&rpn=FSL538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com