Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet(PDF) 21 Page - ON Semiconductor

Part # FSL518APG
Description  High Performance Switcher Integrated with HV Startup and SENSEFET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL518APG Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FSL518APG Datasheet HTML 17Page - ON Semiconductor FSL518APG Datasheet HTML 18Page - ON Semiconductor FSL518APG Datasheet HTML 19Page - ON Semiconductor FSL518APG Datasheet HTML 20Page - ON Semiconductor FSL518APG Datasheet HTML 21Page - ON Semiconductor FSL518APG Datasheet HTML 22Page - ON Semiconductor FSL518APG Datasheet HTML 23Page - ON Semiconductor FSL518APG Datasheet HTML 24Page - ON Semiconductor FSL518APG Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
FSL518H, FSL538H, FSL518A, FSL538A
www.onsemi.com
21
DESIGN CONSIDERATIONS
Peripheral Components
While designing flyback converters using FSL5x8H/A,
there are some design considerations on selecting value and
rating of components and PCB (Printed Circuit Board)
layout as the following.
• Input/Output Capacitor
It is typical to select the input capacitor as 2~3
mF per
watt of peak input power for universal input range
(85−265 VRMS) and 1 mF per watt of peak input power for
European high input voltage range (195−265 V RMS).
The minimum DC link voltage is obtained as:
VDC
min
+
2 @ Vline
min
2
*
Pin @ 1 * Dch
fL @ CDC
,
(eq. 2)
where Dch is the DC link capacitor charging duty ratio
which is typically about 0.2. fL is line voltage frequency.
Considering the output voltage ripple, capacitance at
the output terminal can be determined as the following.
For better voltage ripple at output terminal, low ESR
(Effective Series Resistance) type capacitor is
recommended.
COUT +
0.25 @ IOUT
VOUT*ripple @ fmin
,
(eq. 3)
where IOUT is a max output load current, VOUT-ripple is
deviation of a ripple voltage and fmin should minimum
freqeuncy between operating frequency deviation.
• VCC Capacitance
FSL5x8 includes HV start-up circuit providing startup
current, which determine startup time. It can be calculated
with ICH and VCC capacitance. The typical value of VCC
capacitor is selected in a range of 10 to 47
mF. It is
recommended that VCC capacitor and FSL5x8 should be
placed as close as possible to reject noise decoupling.
Start−up Time +
CVCC @ VCC*START
ICH
,
(eq. 4)
• Consideration on Designing BI/BO/LOVP
Line input voltage can be detected for brown-in (BI),
brown-out (BO) and input line over-voltage protection
(LOVP) by connecting LINE pin with dividing resisters
linking to input bulk capacitor. Each level of BI and
LOVP can be determined as following. Meanwhile,
CLINE-F should be choosen considering some noises on
the line induced by switching of the main switch and etc.
It is typical to select 3~5 times of time constant higher
than switching frequency.
VBULK
RLINE-lower
RLINE-upper
CLINE−F
LINE
Figure 45. LINE Pin Settle for BI/BO/LOVP
Brown−in AC Voltage +
(eq. 5)
VLINE−BI
RLINE−upper ) RLINE−lower
RLINE−lower
1
2
Line OVP AC Voltage +
(eq. 6)
VLINE−OVP
RLINE−upper ) RLINE−lower
RLINE−lower
1
2
(eq. 7)
CLINE−F +
3
RLINE−upper RLINE−lower @ fSW
• Selecting FB/COMP and Consideration when One of
Both is Selected
For non-isolated converters, connects the output
voltage divider to FB pin. For isolated converters, FB pin
should be connected to GND, and the external feedback
circuit should connect to COMP as well.
• Preventing Audible Noise
Even though the switching frequency of the FSL5x8 is
above the range of human hearing, audible noise can be
generated during transient or burst operation. In most
flyback converters, the major noise sources are
transformers and capacitors. Transformers produce
audible noise, since they contain many physically
movable elements, such as coils, isolation tapes and
bobbins. The most effective way to reduce the audible
noise in the transformer is to remove the possibility of
physical movement of the transformer elements by using
adhesive material or by varnishing.
Ceramic capacitors can also produce audible noise,
because of their piezoelectric characteristics. By
replacing the ceramic capacitor with a film capacitor, the
audible noise can be reduced. Another way to lower
audible noise is to reduce the snubber capacitor value,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com