Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC8108LC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
HMC8108
Rev. 0 | Page 3 of 18
SPECIFICATIONS
TA = −25°C, IF = 60 MHz, LNA_VD1/LNA_VD2 = +3 V, BUFF_VD = +3 V, VCTRL = −1 V, MIX_VG = −1.4 V, LO power= −5 dBm,
downconverter mode with lower side selected and external 90° hybrid at the IF ports, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
OPERATING CONDITIONS
Frequency Range
Radio Frequency
RF
9
10
GHz
Local Oscillator
LO
9
10
GHz
Intermediate Frequency
IF
0.02
1
GHz
LO Input Level
−10
0
dBm
PERFORMANCE
Conversion Gain
10
13
dB
Gain Variation Range
10
15
dB
Noise Figure
NF
2
2.5
dB
Image Rejection
15
20
dBc
Input Power for 1 dB Compression
P1dB
−4
dBm
Input Third-Order Intercept
IP3
2
6
dBm
Input Second-Order Intercept
IP2
12
dBm
Output Saturated Power
PSAT
10
dBm
LO Leakage at the IF Port1
−20
dBm
LO Leakage at the RF Port
−37
−25
dBm
RF Leakage at the IF Port1
−27
dBm
Amplitude Balance1
3
dB
Phase Balance1
4
Degree
Return Loss
RF Port
15
dB
LO Port
9
dB
IF Port1
20
dB
POWER SUPPLY
LNA_VD1
20
mA
LNA_VD2
30
mA
BUFF_VD
40
mA
1
Measurements performed without external 90° hybrid at the IF ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com