Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 17 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC8108LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 13Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 14Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 15Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 16Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
HMC8108
Rev. 0 | Page 17 of 18
EVALUATION BOARD INFORMATION
RF circuit design techniques were implemented for the evaluation
board PCB shown in Figure 58. Signal lines have 50 Ω impedance,
and the package ground leads and exposed pad are connected
directly to the ground plane. A sufficient number of via holes
connect the top and bottom ground planes. The full evaluation
circuit board shown in Figure 58 is available from Analog Devices,
Inc., upon request.
Figure 58. EV1HMC8108LC5 Evaluation PCB Top Layer
Table 5. Bill of Material for the EV1HMC8108LC5 Evaluation PCB
Reference Designator
Quantity
Description
600-01494-00-1
1
Evaluation board PCB; circuit board material: Rogers 4350 or Arlon 25FR
J1, J2
2
SMA connectors, SRI
J3, J7
2
SMA connectors, Johnson
J4
1
Connector header, 2 mm ,12-position vertical, SMT
J5, J6
2
Terminal strips, single row, 3-pin, SMT
C1
1
Ceramic capacitor, 0.5 pF, 50 V, C0G, 0402
C2 to C12
11
Ceramic capacitors, 0.6 pF, ±0.1 pF, 50 V, C0G, 0402
C13 to C16, C18 to C21
8
Ceramic capacitors, 1 nF, 50 V, X7R, 0402
C22 to C29
8
Ceramic capacitors, 10 nF, 50 V, 10%, X7R, 0402
C30 to C32
3
Ceramic capacitors, 100 nF, 16 V, 10%, X7R, 0402
L1 to L3
3
Inductors, 5.6 nH, 0402, ±5%, 760 mA
TP1 to TP3
3
Test points, PC compact, SMT
U1
1
Device under test (DUT), HMC8108LC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com