Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC8108LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 9Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 13Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 14Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
HMC8108
Rev. 0 | Page 11 of 18
Measurements performed as image reject mixer with lower sideband selected, external 90° hybrid at the IF ports, IF = 60 MHz,
LO drive = −5 dBm, and TA = −25°C, unless otherwise noted.
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
0
–2
–6
–4
–8
–10
+85°C
+25°C
–40°C
Figure 39. Input Power for 1 dB Compression (P1dB) vs. RF Frequency over
Temperature
–30
–22
–14
–6
2
10
–26
–18
–10
–2
6
RF INPUT POWER (dBm)
20
15
–5
5
10
–10
0
–15
–20
170
160
120
140
150
110
130
100
90
+85°C
+25°C
–40°C
Figure 40. IF Output Power and Total Drain Current vs. RF Input Power over
Temperature
10
6
8
2
4
0
–16
–14
–10
–12
–8
–6
–2
–4
0
LO DRIVE (dBm)
10GHz
9.41GHz
9GHz
Figure 41. Noise Figure vs. LO Drive at Various RF Frequencies
0
–2
–4
–6
–8
–10
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
–0.5V
–1V
0V
Figure 42. Input Power for 1 dB Compression (P1dB) vs. RF Frequency at
Various Control Voltages
5
4
3
2
1
0
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 43. Noise Figure vs. RF Frequency over Temperature
16
12
8
4
0
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
–0.5V
–1V
0V
Figure 44. Noise Figure vs. RF Frequency at Various Control Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com