Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC8108LC5TR-R5 Datasheet HTML 9Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 13Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 14Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 15Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 16Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
HMC8108
Rev. 0 | Page 13 of 18
Measurements performed without external 90° hybrid at the IF ports and TA = −25°C, unless otherwise noted.
0
–5
–10
–15
–20
–25
–30
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 48. RF Return Loss vs. RF Frequency over Temperature
0
–5
–10
–15
–20
–25
–30
0
0.2
0.4
0.6
0.8
1.0
IF FREQUENCY (GHz)
IF_I AT +85°C
IF_I AT +25°C
IF_I AT –40°C
IF_Q AT +85°C
IF_Q AT +25°C
IF_Q AT –40°C
Figure 49. In-Phase and Quadrature IF Output Return Loss vs. IF Frequency
over Temperature
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
6
4
0
2
–2
–4
+85°C
+25°C
–40°C
Figure 50. Amplitude Balance vs. RF Frequency over Temperature
9.0
9.4
9.8
10.2
10.6
11.0
LO FREQUENCY (GHz)
0
–5
–15
–10
–20
–25
+85°C
+25°C
–40°C
Figure 51. LO Return Loss vs. LO Frequency over Temperature
0
–10
–20
–30
–40
–50
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
LO TO RF
LO TO IF_I
LO TO IF_Q
RF TO IF_I
RF TO IF_Q
Figure 52. Leakage vs. RF Frequency
2
0
–2
–4
–6
–8
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 53. Phase Balance vs. RF Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com