Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC8108LC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HMC8108
Data Sheet
Rev. 0 | Page 4 of 18
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Drain Bias Voltage
LNA_VD1
5.8 V
LNA_VD2
4.8 V
BUFF_VD
4.2 V
Gate Bias Voltage
LNA_VG1
−2 V to + 0.15 V
LNA_VG2
−2 V to + 0.15 V
MIX_VG
−2 V to + 0.15 V
BUFF_VG
−2 V to + 0.15 V
VCTRL
−2 V to + 0.15 V
RF Input Power
20 dBm
LO Input Power
24 dBm
Maximum Peak Reflow Temperature (MSL3)1
260°C
Maximum Junction Temperature
165°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to 150°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
Class 0 (150 V)
Field Induced Charged Device Model (FICDM)
Class C3 (250 V)
1
See the Ordering Guide section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
E-32-11
93
119.47
°C/W
1
See JEDEC standard JESD51-2 for additional information on optimizing the
thermal impedance (PCB with 3 × 3 vias).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com