Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC8108LC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
9 GHz to 10 GHz,
X-Band, GaAs, MMIC, Low Noise Converter
Data Sheet
HMC8108
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Conversion gain: 13 dB typical
Image rejection: 20 dBc typical
Noise figure: 2 dB typical
Input power for 1 dB compression: −4 dBm typical
Input third-order intercept: 6 dBm typical
Output saturated power: 10 dBm typical
LO leakage at the IF port: −20 dBm typical
LO leakage at the RF port: −37 dBm typical
32-terminal, 5 mm × 5 mm, ceramic leadless chip carrier (LCC)
APPLICATIONS
Point to point and point to multipoint radios
Military radar
Satellite communications
FUNCTIONAL BLOCK DIAGRAM
17
1
3
4
2
NIC
NIC
LNA_VG1
NIC
5
6
RFIN
NIC
7
VCTRL
8
NIC
NIC
18
NIC
19
NIC
20
LOIN
21
NIC
22
NIC
23
BUFF_VD
24
NIC
EPAD
HMC8108
Figure 1.
GENERAL DESCRIPTION
The HMC8108 is a compact, X-band, gallium arsenide (GaAs),
monolithic microwave integrated circuit (MMIC) in-phase/
quadrature (I/Q), low noise converter in a ceramic, leadless chip
carrier, RoHS compliant package. The HMC8108 converts radio
frequency (RF) input signals ranging from 9 GHz to 10 GHz to a
typical single-ended intermediate frequency (IF) signal of 60 MHz
at its output. This device provides a small signal conversion gain
of 13 dB with a noise figure of 2 dB and image rejection of 20 dBc.
The HMC8108 uses a low noise amplifier followed by an image
reject mixer that is driven by an active LO buffer amplifier. The
image reject mixer eliminates the need for a filter following the
low noise amplifier and removes thermal noise at the image
frequency. I/Q mixer outputs are provided, and an external 90°
hybrid is needed to select the required sideband. The HMC8108
is a much smaller alternative to hybrid style, image reject mixer,
downconverter assemblies and is compatible with surface-mount
manufacturing techniques.


Similar Part No. - HMC8108LC5TR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8100 AD-HMC8100 Datasheet
706Kb / 28P
High linearity: supports modulations to 1024 QAM
Rev. A
HMC8100LP6JE AD-HMC8100LP6JE Datasheet
706Kb / 28P
High linearity: supports modulations to 1024 QAM
Rev. A
More results

Similar Description - HMC8108LC5TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC902 HITTITE-HMC902 Datasheet
441Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
HMC902LP3E HITTITE-HMC902LP3E Datasheet
1,007Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
logo
Analog Devices
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com