Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC8108LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 9Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 13Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HMC8108
Data Sheet
Rev. 0 | Page 10 of 18
Measurements performed as image reject mixer with lower sideband selected, external 90° hybrid at the IF ports, IF = 60 MHz,
LO drive = −5 dBm, and TA = −25°C, unless otherwise noted.
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
20
16
8
12
4
0
+85°C
+25°C
–40°C
Figure 33. Input Second-Order Intercept (IP2) vs. RF Frequency over
Temperature
35
30
20
25
10
15
5
0
–24
–19
–14
–9
1
–4
6
RF INPUT POWER (dBm)
9GHz
9.34GHz
9.375GHz
9.41GHz
10GHz
Figure 34. Input Second-Order Intercept (IP2) vs. RF Input Power at Various
RF Frequencies
30
20
25
10
15
5
0
–1.2
–1.0
–0.8
–0.6
–0.2
–0.4
0
CONTROL VOLTAGE (V)
10GHz
9.41GHz
9GHz
Figure 35. Input Second-Order Intercept (IP2) vs. Control Voltage at Various
RF Frequencies
20
12
16
4
8
0
–16
–14
–10
–12
–8
–6
–2
–4
0
LO DRIVE (dBm)
10GHz
9.41GHz
9GHz
Figure 36. Input Second-Order Intercept (IP2) vs. LO Drive at Various
RF Frequencies
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
30
25
20
10
15
5
0
–1.2V
–1V
–0.8V
–0.6V
–0.4V
–0.2V
0V
Figure 37. Input Second-Order Intercept (IP2) vs. RF Frequency at Various
Control Voltages
9.0
9.2
9.4
9.6
9.8
10.0
RF FREQUENCY (GHz)
20
16
8
12
4
0
20MHz
60MHz
100MHz
500MHz
750MHz
1000MHz
Figure 38. Input Second-Order Intercept (IP2) vs. RF Frequency at Various
IF Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com