Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC8108LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 13Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 14Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 15Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 16Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
HMC8108
Data Sheet
Rev. 0 | Page 14 of 18
THEORY OF OPERATION
The HMC8108 is a X-band, low noise converter with integrated
LO buffers that converts RF input signals ranging from 9 GHz
to 10 GHz down to a typical single-ended IF signal of 60 MHz
at its output. See Figure 54 for a functional block diagram of the
circuit architecture of the HMC8108.
The RF input signal passes through two stages of low noise
amplification. The preamplified RF input signal then splits
through an internal hybrid to feed two singly balanced passive
mixers. A power divider followed by three LO buffer amplifiers
drives the two I and Q mixer cores to convert the amplified RF
input frequencies to a 60 MHz typical single-ended IF. A variable
attenuator allows gain control ranging from 10 dB to 30 dB.
RFIN
LOIN
ESD
VCTRL
ATTENUATOR
LNA_VD1
LNA_VG1
LNA1
LNA_VD2
LNA_VG2
IF_Q
IF_I
BUFF_VD
BUFF_VG
LNA2
MIX_VG
HYBRID
MIX
MIX
DIV
BUFF3
BUFF2
BUFF1
Figure 54. Functional Block Diagram of the Circuit Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com