Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 15 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC8108LC5TR-R5 Datasheet HTML 10Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 11Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 12Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 13Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 14Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 15Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 16Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
HMC8108
Rev. 0 | Page 15 of 18
APPLICATIONS INFORMATION
A typical lower sideband application circuit is shown in Figure 57.
The IF_Q output signal of the HMC8108 is connected to the
90° port of the hybrid coupler followed by a low-pass filter to
produce a lower sideband IF output signal. The LO input signal
passes through a voltage control oscillator (VCO) followed by
an optional buffer amplifier, a 2× frequency multiplier, and an
optional band-pass filter before entering the LO port of the
device. Band-pass filter and LO buffer are optional and depend
on the VCO specification and the LO input power requirement.
External capacitors of 0.6 pF, 1 nF, 10 nF, and 100 nF, and 5.6 nH
inductors are connected to the input voltage pin of the device.
The IF_I and IF_Q pins are dc-coupled and must not source or
sink more than 3 mA of current or device malfunction or possible
device failure may result. For applications not requiring
operation to dc, use an off chip dc blocking capacitor.
BIASING SEQUENCE
The HMC8108 uses amplifier and LO buffer stages. These active
stages use depletion mode, pseudomorphic high electron
mobility transfer (pHEMT) transistors.
To avoid transistor damage, follow these power-up bias
sequence steps:
1.
Set the LNA_VG1, LNA_VG2, and BUFF_VG power
supplies to −2 V and the MIX_VG power supply to +1.4 V.
Do not turn on the power supplies.
2.
Set the LNA_VD1, LNA_VD2, and BUFF_VD power
supplies to 3 V. Do not turn on the power supplies.
3.
Set the VCTRL power supply to −1 V. Do not turn on the
power supply.
4.
Turn on the power supplies in Step 1, Step 2, and Step 3 in
order.
5.
Adjust the LNA_VG1, LNA_VG2, and BUFF_VG power
supplies between −2 V and 0 V to achieve an quiescent
current LNA_ID1, LNA_ID2, and BUFF_ID = 20 mA,
30 mA, and 40 mA, respectively.
6.
Connect the signal generator to the RF and LO input.
7.
Connect the 90° hybrid to the IF_I and IF_Q output. Note
that IF_Q is connected to the 90° port of the hybrid. Under
this condition, the lower sideband is selected.
8.
Turn on the LO and RF input to see the output on the
spectrum analyzer.
To turn off the HMC8108, take the following steps:
1.
Turn off the LO and RF signal source.
2.
Turn off the LNA_VD1, LNA_VD2, and BUFF_VD power
supplies.
3.
Turn off the LNA_VG1, LNA_VG2, BUFF_VG, MIX_VG,
and VCTRL power supplies. Refer to Figure 55 for the
HMC8108 lab bench setup.
SPECTRUM
ANALYZER
RF INPUT
LO INPUT
POWER
SUPPLY
POWER
SUPPLY
POWER
SUPPLY
90°
90° HYBRID FOR
I/Q IF OUTPUT
0°
Figure 55. HMC8108 Lab Bench Setup
RESULTS
Figure 56 shows the expected results when testing the HMC8108
with the following operating conditions:
RF = −15 dBm at 9.44 GHz
LO = −5 dBm at 9.5 GHz
The on board IF_Q port is connected to the 90° port of the
hybrid.
The lower sideband is selected.
Note that hybrid, cable, and board loss were not deembedded.
0
–100
–80
–90
–70
–60
–50
–40
–30
–20
–10
CENTER 59.511MHz
SPAN 16.3MHz
1.63MHz/
1
REF 0dBm
ATT 5dB
RWB 6.25kHz
VBW 20kHz
SWT 420ms
MARKER 1 [T1]
–4.31dBm
60.00MHz
Figure 56. Test Results at IF = 60 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com