Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8108LC5TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8108LC5TR-R5
Description  9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8108LC5TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC8108LC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC8108LC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
HMC8108
Rev. 0 | Page 5 of 18
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
17
1
3
4
2
NIC
NIC
LNA_VG1
NIC
5
6
RFIN
NIC
7
VCTRL
8
NIC
NIC
18 NIC
19 NIC
20 LOIN
21 NIC
22 NIC
23 BUFF_VD
24 NIC
HMC8108
TOP VIEW
(Not to Scale)
EPAD
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. EXPOSED PAD. EXPOSED PAD MUST
BE CONNECTED TO RF/DC GROUND.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4, 6, 8, 9, 11, 12,
14, 17 to 19, 21, 22,
24, 25, 27, 29, 31
NIC
No Internal Connection. These pins are not connected internally.
3
LNA_VG1
Gate Bias Voltage for the First Low Noise Amplifier. See Figure 3 for the interface schematic.
5
RFIN
Radio Frequency Input. This pin is dc-coupled and matched to 50 Ω. See Figure 4 for the interface
schematic.
7
VCTRL
Voltage Control. Gate bias attenuation control for the low noise amplifier. See Figure 5 for the interface
schematic.
10
LNA_VG2
Gate Bias Voltage for the Second Low Noise Amplifier. See Figure 6 for the interface schematic.
13, 28
IF_I, IF_Q
In-Phase and Quadrature Intermediate Frequency Output Pins. See Figure 7 for the interface schematic.
15
MIX_VG
Gate Bias Voltage for FET Mixer. See Figure 8 for the interface schematic.
16
BUFF_VG
Gate Bias Voltage for the Local Oscillator Buffer. See Figure 9 for the interface schematic.
20
LOIN
Local Oscillator Input. This pin is ac-coupled and matched to 50 Ω. See Figure 10 for the interface schematic.
23
BUFF_VD
Drain Bias Voltage for the Local Oscillator Buffer. See Figure 11 for the interface schematic.
26
GND
Ground Connect. This pin must be connected to RF/dc ground. See Figure 12 for the interface schematic.
30
LNA_VD2
Drain Bias Voltage for the Second Low Noise Amplifier. See Figure 13 for the interface schematic.
32
LNA_VD1
Drain Bias Voltage for the First Low Noise Amplifier. See Figure 14 for the interface schematic.
EPAD
Exposed Pad. Connect the exposed pad to RF/dc ground. See Figure 12 for the interface schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com