Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC6505ALC5TR-R5 Datasheet HTML 20Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
HMC6505A
Data Sheet
Rev. 0 | Page 24 of 30
SPURIOUS PERFORMANCE
Mixer spurious products are measured in dBc from the RF
output power level. Spur values are (M × IF) − (N × LO). N/A
means not applicable.
M × N Spurious Outputs, IF = 350 MHz
RF = 5500 MHz, LO frequency = 5850 MHz at LO input power =
4 dBm, IF input power = −6 dBm.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
11
3
18
41
53
1
75
0
38
36
50
62
2
79
51
34
61
60
81
3
100
73
78
60
87
81
4
101
88
80
94
86
111
5
121
102
108
98
111
101
RF = 7000 MHz, LO frequency = 7350 MHz at LO input power =
4 dBm, IF input power = −6 dBm.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
13
8
44
51
57
1
79
0
43
39
73
75
2
78
51
34
73
67
94
3
105
72
86
65
98
87
4
118
82
96
105
93
103
5
122
91
107
111
108
105
RF = 8500 MHz, LO frequency = 8850 MHz at LO input power =
4 dBm, IF input power = −6 dBm. N/A is not applicable.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
8
21
53
53
N/A
1
76
0
27
56
68
N/A
2
81
50
36
61
83
N/A
3
104
95
79
71
92
N/A
4
114
83
101
105
99
N/A
5
120
92
111
108
103
N/A
M × N Spurious Output, IF = 1000 MHz
RF = 5500 MHz, LO frequency = 6500 MHz at LO input power =
4 dBm, IF input power = −6 dBm.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
7
8
57
43
59
1
49
0
37
39
66
72
2
63
55
33
60
66
90
3
83
82
69
65
84
90
4
95
120
100
97
91
104
5
112
121
109
113
108
108
RF = 7000 MHz, LO frequency = 8000 MHz at LO input power =
4 dBm, IF input power = −6 dBm.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
7
11
43
59
71
1
50
0
40
43
74
79
2
66
44
35
68
73
91
3
88
85
71
67
98
92
4
80
80
81
100
96
104
5
85
88
79
101
113
107
RF = 8500 MHz, LO frequency = 9500 MHz at LO input power =
4 dBm, IF input power = −6 dBm. N/A is not applicable.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
8
41
63
66
N/A
1
50
0
31
77
88
N/A
2
66
44
38
63
81
N/A
3
101
82
74
72
93
N/A
4
105
105
108
107
102
N/A
5
120
118
112
109
107
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com