Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 27 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC6505ALC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 29Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
HMC6505A
Rev. 0 | Page 27 of 30
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 103 shows the typical application circuit for the
HMC6505A. To select the appropriate sideband, an external 90°
hybrid is required. For applications not requiring operation to
dc, use an off chip dc blocking capacitor. For applications that
require the LO signal at the output to be suppressed, use a bias
tee or RF feed. Ensure that the source or sink current used for
LO suppression is <3 mA for each IF port to prevent damage to
the device. The common-mode voltage for each IF port is 0 V.
To select the upper sideband, connect the IF1 pin to the 90°
port of the hybrid and the IF2 pin to the 0° port of the hybrid.
To select the lower sideband, connect the IF1 pin to the 0° port
of the hybrid and the IF2 pin to the 90° port of the hybrid.
HMC6505A
Figure 103. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com