Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 29 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 29 Page - Analog Devices

Back Button HMC6505ALC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 29Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
HMC6505A
Rev. 0 | Page 29 of 30
Figure 106. HMC6505A Evaluation Board Top Layer
Table 5. Bill of Materials for the EV1HMC6505ALC5 Evaluation Board PCB
Quantity
Reference
Designator
Description
Manufacturer
Part Number
1
Not applicable
PCB, EV1HMC6505ALC5; circuit board
material: Rogers 4350
Analog Devices supplied
125487
1
Not applicable
MCH, evaluation heatsink, aluminum
Analog Devices supplied
104635
2
J1, J2
Johnson SMA connectors
Johnson Components
142-0701-851
4
J5, J6, J8, J9
2 mm, four vertical position connector
headers
Molex
87832-0420
2
J3, J4
SRI K connectors
SRI Connector Gage Company
25-146-1000-92
5
C1, C3, C4,
C13, C16
Ceramic capacitors, 100 pF, 5%, 50 V, C0G,
0402
Murata Manufacturing
GRM188R71H102KA01D
5
C5, C7, C8,
C14, C17
Ceramic capacitors, 1000 pF, 50 V, 10%,
X7R, 0603
Keystone Electronics Corporation
5019
5
C9, C11, C12,
C15, C18
Tantalum capacitors, 2.2 μF, 25 V, 10%,
SMD, Case A
AVX
TAJA225K025R
1
HMC6505A
Device under test (DUT)
Analog Devices
HMC6505A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com