Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 25 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC6505ALC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
HMC6505A
Rev. 0 | Page 25 of 30
M × N Spurious Outputs, IF = 2500 MHz
RF = 5500 MHz, LO frequency = 8000 MHz at LO input power =
4 dBm, IF input power = −6 dBm.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
6
10
41
57
70
1
43
0
34
42
70
79
2
57
64
34
64
78
93
3
76
113
80
65
87
92
4
97
115
94
96
94
107
5
116
115
119
112
110
113
RF = 7000 MHz, LO frequency = 9500 MHz at LO input power =
4 dBm, IF input power = −6 dBm. N/A is not applicable.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
7
41
62
67
N/A
1
46
0
36
73
84
N/A
2
57
56
37
63
103
N/A
3
108
87
83
69
104
101
4
100
122
101
112
101
101
5
115
121
118
112
111
106
RF = 8500 MHz, LO frequency = 11000 MHz at LO input
power = 4 dBm, IF input power = −6 dBm. N/A is not
applicable.
N × LO
0
1
2
3
4
5
M × IF
0
N/A
7
59
46
N/A
N/A
1
47
0
39
80
N/A
N/A
2
50
54
40
73
97
N/A
3
92
83
83
77
98
N/A
4
109
120
105
108
104
N/A
5
113
120
115
109
104
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com