Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC6505ALC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 18Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 19Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 20Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
HMC6505A
Rev. 0 | Page 21 of 30
30
40
50
60
70
80
90
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 85. IF1 to RF Isolation vs. RF Frequency over Temperatures,
LO Power = 4 dBm, Voltage Control = −4 V
30
40
50
60
70
80
90
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 86. IF2 to RF Isolation vs. RF Frequency over Temperatures,
LO Power = 4 dBm, Voltage Control = −4 V
0
–25
5.0
9.0
LO FREQUENCY (GHz)
5.5
6.0
6.5
7.0
7.5
8.0
8.5
+85°C
+25°C
–40°C
–20
–15
–10
–5
Figure 87. LO Return Loss vs. LO Frequency over Temperatures,
LO Power = 4 dBm, Voltage Control = −4 V
30
35
40
45
50
55
60
65
70
75
80
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
–2dBm
0dBm
+2dBm
+4dBm
+6dBm
Figure 88. IF1 to RF Isolation vs. RF Frequency over LO Powers,
TA = 25°C, Voltage Control = −4 V
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
0
10
20
30
40
50
60
70
80
90
RF FREQUENCY (GHz)
–2dBm
0dBm
+2dBm
+4dBm
+6dBm
Figure 89. IF2 to RF Isolation vs. RF Frequency over LO Powers,
TA = 25°C, Voltage Control = −4 V
0
–25
–20
–15
–10
–5
5.0
9.0
LO FREQUENCY (GHz)
5.5
6.0
6.5
7.0
7.5
8.0
8.5
–2dBm
0dBm
+2dBm
+4dBm
+6dBm
Figure 90. LO Return Loss vs. LO Frequency over LO Powers,
TA = 25°C, Voltage Control = −4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com