Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 26 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC6505ALC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 23Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 24Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 25Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 26Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 27Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 28Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 29Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
HMC6505A
Data Sheet
Rev. 0 | Page 26 of 30
THEORY OF OPERATION
The HMC6505A is a GaAs, pHEMT, MMIC I/Q upconverter
with an integrated LO buffer that upconverts IF between dc to
3 GHz to RF between 5.5 GHz and 8.6 GHz. LO buffer
amplifiers are included on chip to allow LO drive range of up
to 6 dBm for full performance. The LO path feeds a quadrature
splitter followed by on-chip baluns that drive the I and Q singly
balanced cores of the passive mixers. The RF output of the I and
Q mixers are then summed through an on-chip Wilkinson power
combiner and relatively matched to provide a single-ended, 50 Ω
output signal that is amplified by the RF amplifiers to produce a
dc-coupled and 50 Ω matched RF output signal at the RFOUT
port. A voltage attenuator precedes the RF amplifiers for desired
gain control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com