Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 19 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC6505ALC5TR-R5 Datasheet HTML 15Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 16Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 17Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 18Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 19Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 20Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 21Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 22Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
HMC6505A
Rev. 0 | Page 19 of 30
50
10
15
20
25
30
35
40
45
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 74. Output IP3 vs. RF Frequency over Temperatures,
LO Power = 4 dBm, Voltage Control = −4 V
50
10
15
20
25
30
35
40
45
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
–2dBm
0dBm
+2dBm
+4dBm
+6dBm
Figure 75. Output IP3 vs. RF Frequency over LO Powers,
TA = 25°C, Voltage Control = −4 V
50
0
–5.0
0
5
10
15
20
25
30
35
40
45
–4.5 –4.0 –3.5 –3.0 –2.5
VOLTAGE CONTROL (V)
–2.0 –1.5 –1.0 –0.5
RF = 8.5GHz
RF = 7.5GHz
RF = 6.5GHz
Figure 76. Output IP3 vs. Voltage Control over RF,
TA = 25°C, LO Power = 4 dBm
30
10
12
14
16
18
20
22
24
26
28
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 77. Output P1dB vs. RF Frequency over Temperatures,
LO Power = 4 dBm, Voltage Control = −4 V
30
10
12
14
16
18
20
22
24
26
28
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
–2dBm
0dBm
+2dBm
+4dBm
+6dBm
Figure 78. Output P1dB vs. RF Frequency over LO Powers,
TA = 25°C, Voltage Control = −4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com