Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC6505ALC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
5.5 GHz to 8.6 GHz,
GaAs, MMIC, I/Q Upconverter
Data Sheet
HMC6505A
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Conversion gain: 15 dB typical
Sideband rejection: 22 dBc typical
Output P1dB compression at maximum gain: 22 dBm typical
Output IP3 at maximum gain: 35 dBm typical
LO to RF isolation: 4 dB typical
LO to IF isolation: 9 dB typical
RF return loss: 20 dB typical
LO return loss: 10 dB typical
IF return loss: 20 dB typical
Exposed paddle, 5 mm × 5 mm, 32-terminal, leadless chip
carrier package
APPLICATIONS
Point to point and point to multipoint radios
Military radars, electronic warfare (EW), and electronic
intelligence (ELINT)
Satellite communications
Sensors
FUNCTIONAL BLOCK DIAGRAM
EPAD
HMC6505A
VDD1
LOIN
GND
VDD3
VDD2
Figure 1.
GENERAL DESCRIPTION
The HMC6505A is a compact gallium arsenide (GaAs),
pseudomorphic (pHEMT), monolithic microwave integrated
circuit (MMIC) upconverter in a RoHS compliant package that
operates from 5.5 GHz to 8.6 GHz. This device provides a small
signal conversion gain of 15 dB with 22 dBc of sideband
rejection. The HMC6505A uses a variable gain amplifier (VGA)
preceded by an in-phase and quadrature (I/Q) mixer that is
driven by an active local oscillator (LO). The IF1 and IF2 mixer
inputs are provided, and an external 90° hybrid is needed to
select the required sideband. The I/Q mixer topology reduces
the need for filtering of unwanted sideband. The HMC6505A
is a smaller alternative to hybrid style single sideband (SSB)
upconverter assemblies, and it eliminates the need for wire
bonding by allowing the use of surface-mount manufacturing
techniques.
The HMC6505A is available in 5 mm × 5 mm, 32-terminal
leadless chip carrier (LCC) package and operates over a −40°C
to +85°C temperature range. An evaluation board for the
HMC6505A is also available upon request.


Similar Part No. - HMC6505ALC5TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC6505LC5 HITTITE-HMC6505LC5 Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
More results

Similar Description - HMC6505ALC5TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC951LP4E HITTITE-HMC951LP4E Datasheet
1Mb / 10P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC6505LC5 HITTITE-HMC6505LC5 Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
logo
Analog Devices
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC815B AD-HMC815B Datasheet
551Kb / 30P
21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
1/2018-Revision 0
HMC951A AD-HMC951A Datasheet
645Kb / 31P
5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. 0 to Rev. A
HMC951BLP4E AD-HMC951BLP4E Datasheet
1Mb / 16P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC7911 AD-HMC7911 Datasheet
497Kb / 24P
17.0 GHz to 20.0 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com