Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC6505ALC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
HMC6505A
Rev. 0 | Page 3 of 30
SPECIFICATIONS
TA = 25°C, IF = 350 MHz, VDDx = 5 V, VCTRL = −4 V, LO power = 4 dBm. Measurements performed with lower sideband selected and
external 90° hybrid at the IF ports, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
OPERATING CONDITIONS
Frequency Range
Radio Frequency
RF
5.5
8.6
GHz
Local Oscillator
LO
2.5
11.6
GHz
Intermediate Frequency
IF
DC
3
GHz
Control Voltage Range
VCTRL
−4
0
V
LO Drive Range
−2
+4
+6
dBm
PERFORMANCE
Conversion Gain
12
15
dB
Dynamic Range
20
25
dB
Sideband Rejection
18
22
dBc
Output Power for 1 dB Compression at Maximum Gain
OP1dB
22
dBm
Output Third-Order Intercept at Maximum Gain
OIP3
31
35
dBm
Isolation
LO to RF
−1
+4
dB
LO to IF
9
dB
Noise Figure
NF
15
dB
Return Loss
RF
20
dB
LO
10
dB
IF
20
dB
POWER SUPPLY
Total Supply Current
LO Amplifier
IDD1
125
mA
RF Amplifier
IDD2, IDD3
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com