Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC6505ALC5TR-R5
Description  5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6505ALC5TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC6505ALC5TR-R5 Datasheet HTML 1Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 2Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 3Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 4Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 5Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 6Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 7Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 8Page - Analog Devices HMC6505ALC5TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
HMC6505A
Rev. 0 | Page 5 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
HMC6505A
TOP VIEW
(Not to Scale)
1
3
4
2
NIC
NIC
NIC
NIC
5
6
VDD1
NIC
7
LOIN
8
GND
17 NIC
18 VDD3
19 NIC
20 NIC
21 NIC
22 NIC
23 VDD2
24 NIC
NOTES
1. NOT INTERNALLY CONNECTED. THESE PINS
ARE NOT CONNECTED INTERNALLY. HOWEVER,
PINS MAY BE CONNECTED TO RF/DC GROUND
WITHOUT AFFECTING PERFORMANCE.
2. EXPOSED PAD. CONNECT TO A LOW IMPEDANCE
THERMAL AND ELECTRICAL GROUND PLANE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 4, 6, 9 to 11, 16,
17, 19 to 22, 24,
25, 32
NIC
Not Internally Connected. These pins are not connected internally. However, pins may be connected
to RF/dc ground without affecting performance.
5
VDD1
Power Supply Voltage for LO Amplifier. See Figure 3 for the interface schematic. Refer to the typical
application circuit (see Figure 103) for the required external components.
7
LOIN
Local Oscillator Input. See Figure 4 for the interface schematic. This pin is ac-coupled and matched
to 50 Ω.
8, 13, 15, 27, 29, 31
GND
Ground Connect. See Figure 5 for the interface schematic. These pins and package bottom must be
connected to RF/dc ground.
12
VGG
Gate Voltage for the Variable Gain Amplifier. See Figure 6 for the interface schematic. Refer to the
typical application circuit (see Figure 103) for the required external components.
14
RFOUT
Radio Frequency Output. See Figure 7 for the interface schematic. This pin is ac-coupled and
matched to 50 Ω.
18, 23
VDD3, VDD2
Power Supply Voltage for the Variable Gain Amplifier. See Figure 8 for the interface schematic. Refer
to the typical application circuit (see Figure 103) for the required external components.
26
VCTRL
Gain Control Voltage for the Variable Gain Amplifier. See Figure 9 for the interface schematic. Refer to
the typical application circuit (see Figure 103) for the required external components.
28, 30
IF1, IF2
Quadrature Intermediate Frequency Inputs. See Figure 10 for the interface schematic. For applications
not requiring operation to dc, use an off chip dc blocking capacitor. For operation to dc, these pins
must not source or sink more than ±3 mA of current or device malfunction and failure can result.
EPAD
Exposed Pad. Connect to a low impedance thermal and electrical ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com