Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 87 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 87 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 83Page - STMicroelectronics VS6624P0LP Datasheet HTML 84Page - STMicroelectronics VS6624P0LP Datasheet HTML 85Page - STMicroelectronics VS6624P0LP Datasheet HTML 86Page - STMicroelectronics VS6624P0LP Datasheet HTML 87Page - STMicroelectronics VS6624P0LP Datasheet HTML 88Page - STMicroelectronics VS6624P0LP Datasheet HTML 89Page - STMicroelectronics VS6624P0LP Datasheet HTML 90Page - STMicroelectronics VS6624P0LP Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
VS6624
Electrical characteristics
Rev 1
87/100
13
Electrical characteristics
13.1
Absolute maximum ratings
Caution:
Stress above those listed under “Absolute Maximum Ratings” can cause permanent
damage to the device. This is a stress rating only and functional operations of the device at
these or other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
13.2
Operating conditions
Table 42.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTO
Storage temperature
-40
85
°C
VDD
Digital power supplies
-0.5
3.3
V
AVDD
Analog power supplies
-0.5
3.3
V
Table 43.
Supply specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
TAF
Operating temperature, functional
(Camera is electrically functional)
-30
25
70
°C
TAN
Operating temperature, nominal
(Camera produces acceptable images)
-25
25
55
°C
TAO
Operating temperature, optimal
(Camera produces optimal optical
performance)
525
30
°C
VDD
Digital power supplies operating range
(@ module pin(1))
1.
Module can contain routing resistance up to 5
Ω.
1.7
1.8
2.0
V
2.4
2.8
3.0
V
AVDD
Analog power supplies operating range
(@ module pin(1))
2.4
2.8
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com