Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 88 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 88 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 84Page - STMicroelectronics VS6624P0LP Datasheet HTML 85Page - STMicroelectronics VS6624P0LP Datasheet HTML 86Page - STMicroelectronics VS6624P0LP Datasheet HTML 87Page - STMicroelectronics VS6624P0LP Datasheet HTML 88Page - STMicroelectronics VS6624P0LP Datasheet HTML 89Page - STMicroelectronics VS6624P0LP Datasheet HTML 90Page - STMicroelectronics VS6624P0LP Datasheet HTML 91Page - STMicroelectronics VS6624P0LP Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
Electrical characteristics
VS6624
88/100
Rev 1
13.3
DC electrical characteristics
Note:
Over operating conditions unless otherwise specified.
Table 44.
DC electrical characteristics
Symbol
Description
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low voltage
-0.3
0.3 VDD
V
VIH
Input high voltage
0.7 VDD
VDD + 0.3
V
VOL
Output low voltage
IOL < 2 mA
IOL < 4 mA
0.2 VDD
0.4 VDD
V
VOH
Output high voltage
IOH< 4 mA
0.8 VDD
V
IIL
Input leakage current
Input pins
I/O pins
0 < VIN < VDD
+/- 10
+/- 1
µA
µA
CIN
Input capacitance, SCL
TA = 25 °C, freq = 1 MHz
6
pF
COUT
Output capacitance
TA = 25 °C, freq = 1 MHz
6
pF
CI/O
I/O capacitance, SDA
TA = 25 °C, freq = 1 MHz
8
pF
Table 45.
Typical current consumption - Sensor mode VGA 30 fps
Symbol
Description
Test conditions
IAVDD
IVDD
Units
VDD = 2.8V VDD = 1.8V VDD = 2.8V
IPD
supply current in power
down mode
CE=0, CLK = 12 MHz
1.4
0.05
0.07
µA
Istanby
supply current in Standby
mode
CE=1, CLK = 12 MHz
0.0014
1.3
8
mA
IStop
supply current in Stop
mode
CE=1, CLK = 12 MHz
0.0014
4.1
4.2
mA
IPause
supply current in Pause
mode
CE=1, CLK = 12 MHz
0.00175
43.8
43.3
mA
Irun
supply current in active
streaming run mode
CE=1, CLK = 12 MHz
streaming VGA @30 fps
11.3
55.1
54.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com