Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 15 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 11Page - STMicroelectronics VS6624P0LP Datasheet HTML 12Page - STMicroelectronics VS6624P0LP Datasheet HTML 13Page - STMicroelectronics VS6624P0LP Datasheet HTML 14Page - STMicroelectronics VS6624P0LP Datasheet HTML 15Page - STMicroelectronics VS6624P0LP Datasheet HTML 16Page - STMicroelectronics VS6624P0LP Datasheet HTML 17Page - STMicroelectronics VS6624P0LP Datasheet HTML 18Page - STMicroelectronics VS6624P0LP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
VS6624
Operational modes
Rev 1
15/100
Pause mode
In this mode all VS6624 clocks are running and all registers are
accessible but no data is output from the device. The device is ready to start streaming but
is halted. This mode is used to set up the required output format before outputting any data.
The analogue video block is powered down, leading to a lower global consumption
Note:
The PowerManagement register can be adjusted in PAUSE mode but has no effect until the
next RUN to PAUSE transition.
4.1
Streaming modes
RUN mode
This is the fully operational mode. In running mode the device outputs
a continuous stream of images, according to the set image format parameters and frame
rate control parameters. The image size is derived through downscaling of the SXGA image
from the pixel array.
ViewLive this feature allows different sizes, formats and reconstruction settings to be
applied to alternate frames of data, while in run mode.
Snapshot mode
The device can be configured to output a single frame according to
the size, format and reconstruction settings in the relevant pipe setup bank. In normal
operation this frame will be output, once the exposure, white balance and dark-cal systems
are stable. To reduce the latency to output, the user may manually override the stability
flags.
The snapshot mode command can be issued in either Run or Stop mode and the device will
automatically return previous state after the snapshot is taken. The snapshot mode must not
be entered into while viewlive is selected.
FLASHGUN mode
In flashgun mode, the array is configured for use with an external
flashgun. A flash is triggered and a single frame of data is output and the device
automatically switches to Pause Mode.
VS6624 supports the following flashgun configurations:
●
Torch Mode - user can manually switch on/off the FSO IO pin via a register setting.
Independent of mode.
●
Pulsed Mode - the flash output is synchronized to the image stream. There are two
options available:
–
Pulsed flash with snapshot. Device outputs a single frame synchronized to flash.
–
Pulsed flash with viewfinder. Device outputs a flash pulse synchronized to a single
frame in the image stream.
–
In the pulsed mode there are two possible pulse configurations:
–
Single pulse during the interframe period when all image lines are exposed. This is
suitable for SCR and IGBT flash configurations. The falling edge of the pulse can
be programmed to vary the width of the pulse.
–
Single pulse over entire integration period of frame. This is suitable for LED flash
configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com