Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 14 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 10Page - STMicroelectronics VS6624P0LP Datasheet HTML 11Page - STMicroelectronics VS6624P0LP Datasheet HTML 12Page - STMicroelectronics VS6624P0LP Datasheet HTML 13Page - STMicroelectronics VS6624P0LP Datasheet HTML 14Page - STMicroelectronics VS6624P0LP Datasheet HTML 15Page - STMicroelectronics VS6624P0LP Datasheet HTML 16Page - STMicroelectronics VS6624P0LP Datasheet HTML 17Page - STMicroelectronics VS6624P0LP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
Operational modes
VS6624
14/100
Rev 1
During the power-up sequence (CE = logic 1)
The digital supplies must be on and stable.
The internal digital supply of the VS6624 is enabled by an internal switch
mechanism.
All internal registers are reset to default values by an internal power on reset
cell.
Figure 3.
Power up sequence
STANDBY mode
The VS6624 enters STANDBY mode when the CE pin on the device
is pulled HIGH. Power consumption is very low, most clocks inside the device are switched
off.
In this state I²C communication is possible when CLK is present and when the
microprocessor is enabled.
All registers are reset to their default values. The device I/O pins have a very high-
impedance.
Uninitialised = RAW The initialize mode is defined as supplies present, the CE signal is
logic 1 and the microcontroller clock has been activated.
During initialize mode the device firmware may be patched. This state is provided as an
intermediary configuration state and is not central to regular operation of the device.
The analogue video block is powered down, leading to a lower global consumption
STOP mode
This is a low power mode. The analogue section of the VS6624 is
switched off and all registers are accessed over the I²C interface. A run command received
in this state automatically sets a transition through the Pause state to the run mode.
Note:
The device must be in Stop mode to adjust output size.
The analogue video block is powered down, leading to a lower global consumption.
CE
CLK
AVDD (2.8V)
VDD (1.8V/2.8V)
SDA
SCL
t1
t2
t3
t4
t1 >= 0ns
t2 >= 0ns
t3 >= 0ns
t4 >= TBC ms
Constraints:
t5
low level command: enable clocks
setup commands
t5 >= TBC ms
standby
POWER DOWN
uninitialised mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com