Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 36 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 32Page - STMicroelectronics VS6624P0LP Datasheet HTML 33Page - STMicroelectronics VS6624P0LP Datasheet HTML 34Page - STMicroelectronics VS6624P0LP Datasheet HTML 35Page - STMicroelectronics VS6624P0LP Datasheet HTML 36Page - STMicroelectronics VS6624P0LP Datasheet HTML 37Page - STMicroelectronics VS6624P0LP Datasheet HTML 38Page - STMicroelectronics VS6624P0LP Datasheet HTML 39Page - STMicroelectronics VS6624P0LP Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
Host communication - I²C control interface
VS6624
36/100
Rev 1
read. A read message is terminated by the bus master generating a negative acknowledge
after reading a final byte of data.
A message can only be terminated by the bus master, either by issuing a stop condition, a
repeated start condition or by a negative acknowledge after reading a complete byte during
a read operation.
10.2
Detailed overview of the message format
Figure 20. Detailed overview of message format
The V2W generic message format consists of the following sequence
SDA
SCL
S
or
Sr
12
78
9
Sr
or
P
MSB
LSB
START
or
repeated
START
condition
ACK
signal
from
slave
STOP
or
repeated
Start
condition
Device Address
12
7
8
9
MSB
LSB
S
(Sr)
7-bit Device
Address
R/W
A
A
(A)
8-bit Data
P
(Sr)
Data byte from
transmitter
R/W=0 - Master
R/W=1 - Slave
ACK
signal
from
receiver
R/W
Bit
0 - Write
1 - Read
Sr
P
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com