Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 90 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 90 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 86Page - STMicroelectronics VS6624P0LP Datasheet HTML 87Page - STMicroelectronics VS6624P0LP Datasheet HTML 88Page - STMicroelectronics VS6624P0LP Datasheet HTML 89Page - STMicroelectronics VS6624P0LP Datasheet HTML 90Page - STMicroelectronics VS6624P0LP Datasheet HTML 91Page - STMicroelectronics VS6624P0LP Datasheet HTML 92Page - STMicroelectronics VS6624P0LP Datasheet HTML 93Page - STMicroelectronics VS6624P0LP Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
Electrical characteristics
VS6624
90/100
Rev 1
13.6
I²C slave interface
VS6624 contains an I²C-type interface using two signals: a bidirectional serial data line
(SDA) and an input-only serial clock line (SCL). See
Host communication - I²C control
interface for detailed description of protocol.
Figure 32. Voltage level specification
Table 48.
Serial interface voltage levels(1)
Symbol
Parameter
Standard Mode
Fast Mode
Unit
Min.
Max.
Min.
Max.
VHYS
Hysteresis of Schmitt Trigger Inputs
VDD > 2 V
VDD < 2V
N/A
N/A
N/A
N/A
0.05 VDD
0.1 VDD
-
-
V
V
VOL1
VOL3
LOW level output voltage (open drain)
at 3mA sink current
VDD > 2 V
VDD < 2V
0
N/A
0.4
N/A
0
0
0.4
0.2 VDD
V
V
VOH
HIGH level output voltage
N/A
N/A
0.8 VDD
V
tOF
Output fall time from VIHmin to VILmax with
a bus capacitance from 10 pF to 400 pF
-
250
20+0.1Cb
(2)
250
ns
tSP
Pulse width of spikes which must be
suppressed by the input filter
N/A
N/A
0
50
ns
1.
Maximum VIH = VDDmax + 0.5 V
2.
Cb = capacitance of one bus line in pF
VIH = 0.7 * VDD
VIL = 0.3 * VDD
VOH = 0.8 * VDD
VOL = 0.2 * VDD
Input voltage levels
Output voltage levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com