Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 22 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 18Page - STMicroelectronics VS6624P0LP Datasheet HTML 19Page - STMicroelectronics VS6624P0LP Datasheet HTML 20Page - STMicroelectronics VS6624P0LP Datasheet HTML 21Page - STMicroelectronics VS6624P0LP Datasheet HTML 22Page - STMicroelectronics VS6624P0LP Datasheet HTML 23Page - STMicroelectronics VS6624P0LP Datasheet HTML 24Page - STMicroelectronics VS6624P0LP Datasheet HTML 25Page - STMicroelectronics VS6624P0LP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
Output data formats
VS6624
22/100
Rev 1
7
Output data formats
The VS6624 supports the following data formats:
●
YUV4:2:2
●
YUV4:0:0
●
RGB565
●
RGB444 (encapsulated as 565)
●
RGB444 (zero padded)
●
Bayer 10-bit
●
Bayer 8-bit
The required data format is selected using the bdataFomat control found in the pipe setup
bank registers. The various options available for each format are controlled using the
bRgbsetup and bYuvSetup registers found in the
Output formatter control registers.
Line / Frame Blanking Data
The values which are output during line and frame blanking are an alternating pattern of
0x10 and 0x80 by default. These values may be changed by writing to the BlankData_MSB
and BlankData_LSB registers in the
Output formatter control bank.
YUV 4:2:2 data format
YUV 422 data format requires 4 bytes of data to represent 2 adjacent pixels. ITU601-656
defines the order of the Y, Cb and Cr components as shown in
Figure 6.
Figure 6.
Standard Y Cb Cr data order
The VS6624 bYuvSetup register can be programmed to change the order of the
components as follows:
0
0
0
0
X
Y
EAV Code
START OF DIGITAL ACTIVE LINE
HSYNC SIGNAL
8
0
1
0
F
F
Cb
Cr
YY
Cb
Cr
Y
Y
Cb
Cr
YY
4-data
packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com