Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CSW01X Datasheet(PDF) 22 Page - Microchip Technology

Part # AT24CSW01X
Description  I짼C-Compatible (Two-Wire) Serial EEPROM with a Security Register and Software Write Protection 1?멚bit (128 x 8), 2?멚bit (256 x 8)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CSW01X Datasheet(HTML) 22 Page - Microchip Technology

Back Button AT24CSW01X Datasheet HTML 18Page - Microchip Technology AT24CSW01X Datasheet HTML 19Page - Microchip Technology AT24CSW01X Datasheet HTML 20Page - Microchip Technology AT24CSW01X Datasheet HTML 21Page - Microchip Technology AT24CSW01X Datasheet HTML 22Page - Microchip Technology AT24CSW01X Datasheet HTML 23Page - Microchip Technology AT24CSW01X Datasheet HTML 24Page - Microchip Technology AT24CSW01X Datasheet HTML 25Page - Microchip Technology AT24CSW01X Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Table 8-2. Device Address Byte Requirements for Accessing the Write Protection Register
Memory Region
Device Type Identifier
Hardware Client Address Bits
R/W Select
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write Protection Register
1
0
1
1
A2
A1
A0
R/W
When accessing the Write Protection register, it is required that the A7 and A6 bits of the word address be set to
‘11b’ respectively. The remaining bits of the word address byte are ‘don’t care’ bits as shown in Word Address Byte
Requirements for Accessing the Write Protection Register.
Table 8-3. Word Address Byte Requirements for Accessing the Write Protection Register
A 7
A6
A5
A4
A3
A2
A1
A0
Write Protection Register
1
1
X
X
X
X
X
X
Following the word address byte are the contents of the 8-bit Write Protection register. The register format is shown
in Write Protection Register Format, and the WPR bit functions are included in Write Protection Register Bit Function.
Table 8-4. Write Protection Register Format
Operation
D7
D6
D5
D4
D3
D2
D1
D0
Read WPR
0
0
0
0
WPRE
WPB1
WPB0
WPRL
Write WPR
0
1
0: No Lock
0
1: Set Lock
Table 8-5. Write Protection Register Bit Function
Bit
Name
Type
Description
3
WPRE
Write Protection
Register Enable bit
R/W
0
No software write protection is enabled (Factory
Default).
1
Write protection is set by the state of the WPB[1:0] bits.
2-1
WPB[1:0] Write-Protect Block bits
R/W
00 Upper ¼ of EEPROM is write protected (Factory
Default).
01 Upper ½ of EEPROM is write protected.
10 Upper ¾ of EEPROM is write protected.
11 Entire EEPROM is write protected.
0
WPRL
Write-Protect Lock Bit
R/OTP
0
WPR can be written to; requires D5 = 0 during write
(Factory Default).
1
WPR will become permanently locked (requires
D5 = 1) during write.
• Write Protection Register Enable bit (WPRE), Bit 3
This bit is used to enable or disable the device software write protection feature. A logic ‘0’ in this position will
disable software write protection, and a logic ‘1’ will enable this function.
• Write-Protect Block bits (WPB[1:0]), Bits 2:1
These bits allow four levels of protection of the memory array provided that the WPRE bit is a logic ‘1’. If
the WPRE bit is a logic ‘0’, the state of the WPB[1:0] bits have no impact to device protection. The protected
address ranges are found in Table 8-6.
AT24CSW01X/AT24CSW02X
Write Protection
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS20006396B-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com